Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8445VAMD Datasheet(PDF) 29 Page - Texas Instruments

Part # DLPC8445VAMD
Description  DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC8445VAMD Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC8445VAMD Datasheet HTML 25Page - Texas Instruments DLPC8445VAMD Datasheet HTML 26Page - Texas Instruments DLPC8445VAMD Datasheet HTML 27Page - Texas Instruments DLPC8445VAMD Datasheet HTML 28Page - Texas Instruments DLPC8445VAMD Datasheet HTML 29Page - Texas Instruments DLPC8445VAMD Datasheet HTML 30Page - Texas Instruments DLPC8445VAMD Datasheet HTML 31Page - Texas Instruments DLPC8445VAMD Datasheet HTML 32Page - Texas Instruments DLPC8445VAMD Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
5.13 V-by-One Interface General Timing Requirements
PARAMETER(1)
MIN
MAX
UNIT
fclock
Source clock frequency
1 lane to 8 lanes
20
600
MHz
flink-clk
Link clock frequency per lane
8 lanes
43
75
MHz
4 lanes
43
85
MHz
2 lanes
43
85
MHz
1 lane
43
85
MHz
flink
Link transfer rate
3-Byte Mode
2
2.55
Gbps
4 Byte Mode
2
3
Gbps
5 Byte Mode
2
3
Gbps
tRBIT
Unit Interval
3-Byte Mode
392
500
ps
4 Byte Mode
294
500
ps
5 Byte Mode
294
500
ps
tA
Jitter Margin(2)
0.25
UI
tB
Rise / Fall Time(2)
0.05
UI
tEYE
Differential Data Eye(2)
Differential Data Eye(2)
0.5
UI
tskew_intra
Allowable Intrapair skew
Allowable Intrapair skew
0.3
5
UI
tskew_inter
Allowable Interpair Skew
Allowable Interpair Skew
5
UI
Tj
Total jitter
0.5
UI
Rj
Random jitter
1012 UI
0.2
UI
Dj_ISI
Deterministic jitter (ISI)
0.2
UI
Sj
Sinusoidal jitter
0.1
UI
(1)
V-by-One high-speed technology supports 1, 2, 4, or 8-lane operation, in addition to 3-byte, 4-byte, and 5-byte transfer modes
(2)
See V-by-One Timing.
Figure 5-8. V-by-One Timing
www.ti.com
DLPC8445, DLPC8445V, DLPC8455
DLPS253B – SEPTEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DLPC8445 DLPC8445V DLPC8455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com