Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-005AI. Datasheet(PDF) 5 Page - Omega Engineering, Inc.

Part # PX319-005AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-005AI. Datasheet(HTML) 5 Page - Omega Engineering, Inc.

  PX319-005AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
How to Order
PX309 Series
with 4 to 20 mA Output
To Order
Range
1.5 m Cable
Connection
mini DIN
Connection
Twist-Lock
Connection
M12
Connection
psi
bar
Absolute Pressure
0 to 5
0 to 0.34
PX309-005AI
PX319-005AI
PX329-005AI
PX359-005AI
0 to 15
0 to 1
PX309-015AI
PX319-015AI
PX329-015AI
PX359-015AI
0 to 30
0 to 2.1
PX309-030AI
PX319-030AI
PX329-030AI
PX359-030AI
0 to 50
0 to 3.4
PX309-050AI
PX319-050AI
PX329-050AI
PX359-050AI
0 to 100
0 to 6.9
PX309-100AI
PX319-100AI
PX329-100AI
PX359-100AI
0 to 200
0 to 14
PX309-200AI
PX319-200AI
PX329-200AI
PX359-200AI
0 to 300
0 to 21
PX309-300AI
PX319-300AI
PX329-300AI
PX359-300AI
0 to 500
0 to 34
PX309-500AI
PX319-500AI
PX320-500AI PX359-500AI
0 to 1000
0 to 69
PX309-1KAI
PX319-1KAI
PX329-1KAI
PX359-1KAI
Gage Pressure
0 to 1
0 to 0.07
PX309-001GI
PX319-001GI
PX329-001GI
PX359-001GI
0 to 2
0 to 0.14
PX309-002GI
PX319-002GI
PX329-002GI
PX359-002GI
0 to 5
0 to 0.34
PX309-005GI
PX319-005GI
PX329-005GI
PX359-005GI
0 to 15
0 to 1
PX309-015GI
PX319-015GI
PX329-015GI
PX359-015GI
0 to 30
0 to 2.1
PX309-030GI
PX319-030GI
PX329-030GI
PX359-030GI
0 to 50
0 to 3.4
PX309-050GI
PX319-050GI
PX329-050GI
PX359-050GI
0 to 100
0 to 6.9
PX309-100GI
PX319-100GI
PX329-100GI
PX359-100GI
0 to 150
0 to 10
PX309-150GI
PX319-150GI
PX329-150GI
PX359-150GI
0 to 200
0 to 14
PX309-200GI
PX319-200GI
PX329-200GI
PX359-200GI
0 to 300
0 to 21
PX309-300GI
PX319-300GI
PX329-300GI
PX359-300GI
0 to 500
0 to 34
PX309-500GI
PX319-500GI
PX329-500GI
PX359-500GI
0 to 1000
0 to 69
PX309-1KGI
PX319-1KGI
PX329-1KGI
PX359-1KGI
0 to 2000
0 to 138
PX309-2KGI
PX319-2KGI
PX329-2KGI
PX359-2KGI
0 to 3000
0 to 207
PX309-3KGI
PX319-3KGI
PX329-3KGI
PX359-3KGI
0 to 5000
0 to 345
PX309-5KGI
PX319-5KGI
PX329-5KGI
PX359-5KGI
0 to 7500
0 to 517
PX309-7.5KGI PX319-7.5KGI PX329-7.5KGI PX359-7.5KGI
0 to 10,000
0 to 690
PX309-10KGI PX319-10KGI PX329-10KGI PX359-10KGI
Vacuum and Compound Gage Pressure
0 to -15
—
PX309-015VI
PX319-015VI
PX329-015VI
PX359-015VI
-15 to 0 to +15
—
PX309-015CGI PX319-015CGI PX329-015CGI PX359-015CGI
-15 to 30
-1.03 to 2.1
PX309-V030GI PX319-V030GI PX329-V030GI PX359-V030GI
-15 to 50
-1.03 to 3.4
PX309-V050GI PX319-V050GI PX329-V050GI PX359-V050GI
-15 to 100
-1.03 to 6.9
PX309-V100GI PX319-V100GI PX329-V100GI PX359-V100GI
-15 to 150
-1.03 to 10.3
PX309-V150GI PX319-V150GI PX329-V150GI PX359-V150GI
4 to 20 mA Output
0-1 to 0-10,000 psi
0-70 mbar to 0-690 bar
4 to 20 mA Output
Specifications
(In Addition to Common
Specifications on page 2)
Total Error Band (Includes
Linearity, Hyesteresis,
Repeatability, Thermal
Hysteresis and Thermal
Errors, Not Including Zero
and Span Setting Accuracy):
±1.0% (5 psig/psia is ±1.5%, 2
psig is 3.0% and 1 psig is 4.5%)
Supply Voltage: 9 to 30 Vdc
Compensated Temperature:
-20 to 85°C (≤ 5 psig/psia is
0 to 50°C)
Reverse Polarity Protected
Over Voltage Protection
PX309 Series
Standard
PX309-030GI
shown smaller than
actual size.
Cable
style.
Comes complete with 5-point NIST-traceable calibration.
Notes: 1. Units 100 psig and above may be subjected to vacuum on the pressure port
without damage. 2. For alternative performance specifications to suit your application,
contact Engineering.
Ordering Examples: PX309-100GI, 100 psi gage pressure transducer with 4 to 20 mA output and 1.5
m cable termination.
PX319-015AI, 15 psi absolute pressure transducer with
4 to 20 mA output and mini DIN termination.
PX329-3KGI, 3000 psi gage pressure transducer with
4 to 20 mA output and twist-lock 6 pin connector termination. Mating connector sold separately; order
PT06V-10-6S. Consult Sales for OEM pricing.
Metric Versions of PX309
also available from OMEGA.
Please see PXM309 series.
4 to 20 mA Outputs
Range
Output
Excitation
All models
(psia, psig)
4 to 20 mA 9 to 30 Vdc
-15 to 0 to +15 psig 4 to 12
to 20 mA 9 to 30 Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com