Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-005AI. Datasheet(PDF) 4 Page - Omega Engineering, Inc.

Part # PX319-005AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-005AI. Datasheet(HTML) 4 Page - Omega Engineering, Inc.

  PX319-005AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
How to Order
PX309 Series
with 0 to 5 Vdc Output
To Order
Range
1.5 m Cable
Connection
mini DIN
Connection
Twist-Lock
Connection
M12
Connection
psi
bar
Absolute Pressure
0 to 5
0 to 0.34
PX309-005A5V
PX319-005A5V
PX329-005A5V
PX359-005A5V
0 to 15
0 to 1
PX309-015A5V
PX319-015A5V
PX329-015A5V
PX359-015A5V
0 to 30
0 to 2.1
PX309-030A5V
PX319-030A5V
PX329-030A5V
PX359-030A5V
0 to 50
0 to 3.4
PX309-050A5V
PX319-050A5V
PX329-050A5V
PX359-050A5V
0 to 100
0 to 6.9
PX309-100A5V
PX319-100A5V
PX329-100A5V
PX359-100A5V
0 to 200
0 to 14
PX309-200A5V
PX319-200A5V
PX329-200A5V
PX359-200A5V
0 to 300
0 to 21
PX309-300A5V
PX319-300A5V
PX329-300A5V
PX359-300A5V
0 to 500
0 to 34
PX309-500A5V
PX319-500A5V
PX320-500A5V PX359-500A5V
0 to 1000
0 to 69
PX309-1KA5V
PX319-1KA5V
PX329-1KA5V
PX359-1KA5V
Gage Pressure
0 to 1
0 to 0.07
PX309-001G5V
PX319-001G5V
PX329-001G5V
PX359-001G5V
0 to 2
0 to 0.14
PX309-002G5V
PX319-002G5V
PX329-002G5V
PX359-002G5V
0 to 5
0 to 0.34
PX309-005G5V
PX319-005G5V
PX329-005G5V
PX359-005G5V
0 to 15
0 to 1
PX309-015G5V
PX319-015G5V
PX329-015G5V
PX359-015G5V
0 to 30
0 to 2.1
PX309-030G5V
PX319-030G5V
PX329-030G5V
PX359-030G5V
0 to 50
0 to 3.4
PX309-050G5V
PX319-050G5V
PX329-050G5V
PX359-050G5V
0 to 100
0 to 6.9
PX309-100G5V
PX319-100G5V
PX329-100G5V
PX359-100G5V
0 to 150
0 to 10
PX309-150G5V
PX319-150G5V
PX329-150G5V
PX359-150G5V
0 to 200
0 to 14
PX309-200G5V
PX319-200G5V
PX329-200G5V
PX359-200G5V
0 to 300
0 to 21
PX309-300G5V
PX319-300G5V
PX329-300G5V
PX359-300G5V
0 to 500
0 to 34
PX309-500G5V
PX319-500G5V
PX329-500G5V
PX359-500G5V
0 to 1000
0 to 69
PX309-1KG5V
PX319-1KG5V
PX329-1KG5V
PX359-1KG5V
0 to 2000
0 to 138
PX309-2KG5V
PX319-2KG5V
PX329-2KG5V
PX359-2KG5V
0 to 3000
0 to 207
PX309-3KG5V
PX319-3KG5V
PX329-3KG5V
PX359-3KG5V
0 to 5000
0 to 345
PX309-5KG5V
PX319-5KG5V
PX329-5KG5V
PX359-5KG5V
0 to 7500
0 to 517
PX309-7.5KG5V PX319-7.5KG5V
PX329-7.5KG5V PX359-7.5KG5V
0 to 10,000 0 to 690
PX309-10KG5V
PX319-10KG5V
PX329-10KG5V PX359-10KG5V
Vacuum and Compound Gage Pressure
0 to -15
—
PX309-015V5V
PX319-015V5V
PX329-015V5V
PX359-015V5V
-15 to 0 to +15
—
PX309-015CG5V PX319-015CG5V PX329-015CG5V PX359-015CG5V
-15 to 30
-1.03 to 2.1
PX309-V030G5V PX319-V030G5V PX329-V030G5V PX359-V030G5V
-15 to 50
-1.03 to 3.4
PX309-V050G5V PX319-V050G5V PX329-V050G5V PX359-V050G5V
-15 to 100
-1.03 to 6.9
PX309-V100G5V PX319-V100G5V PX329-V100G5V PX359-V100G5V
-15 to 150
-1.03 to 10.3
PX309-V150G5V PX319-V150G5V PX329-V150G5V PX359-V150G5V
PX309 Series
Standard
0 to 5 Vdc Output
0-1 to 0-10,000 psi
0-70 mbar to 0-690 bar
5V Output
Specifications
(In Addition to Common
Specifications on page 2)
Total Error Band (Includes
Linearity, Hyesteresis,
Repeatability, Thermal
Hysteresis and Thermal Errors,
Not Including Zero and Span
Setting Accuracy): ±1.0%
(5 psig/psia is ±1.5%, 2 psig
is 3.0% and 1 psig is 4.5%)
Supply Voltage: 9 to 30 Vdc,
Supply Current < 10 mA
* Supply Current < 10 mA
Compensated Temperature:
-20 to 85°C (≤ 5 psig/psia
is 0 to 50°C)
PX329-015G5V
shown smaller than
actual size.
Twist-lock
style.
Comes complete with 5-point NIST-traceable calibration.
*
Notes: 1. Units 100 psig and above may be subjected to vacuum on the pressure port without damage.
2. For alternative performance specifications to suit your application, contact Engineering.
Ordering Examples: PX309-100G5V, 100 psi gage pressure transducer with 0 to 5 Vdc output and
1.5 m cable termination.
PX319-015A5V, 15 psi absolute pressure transducer with 0 to 5 Vdc output and mini DIN termination.
PX329-3KG5V, 3000 psi gage pressure transducer with 0 to 5 Vdc output and twist-lock 6 pin connector
termination. Mating connector sold separately; order
PT06V-10-6S. Consult Sales for OEM pricing.
Metric Versions of PX309
also available from OMEGA.
Please see PXM309 series.
0 to 5 Vdc Outputs
Range
Output Excitation*
5 to 1000 psia
0 to 5 Vdc 9 to 30 Vdc
1 to 10,000 psig 0 to 5 Vdc 9 to 30 Vdc
-15 to 30/50/100/
150 psig
0 to 5 Vdc 9 to 30 Vdc
0 to -15 psig
0 to 5 Vdc 9 to 30 Vdc
-15 to 0 to +15 psig -5 to 0 to
+5 Vdc 9 to 30 Vdc



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com