Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-005AI. Datasheet(PDF) 6 Page - Omega Engineering, Inc.

Part # PX319-005AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-005AI. Datasheet(HTML) 6 Page - Omega Engineering, Inc.

  PX319-005AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Model No.
Description
CAL-3
Recalibration with 5 point NIST traceable documentation
PT06V-10-6S
Mating connector for PX329
CA-329-4PC24-005
4-conductor mating twist-lock 6 pin connector with 1.5 m (5') cable for PX329
CX5302
Extra mini DIN connector for PX319
CA-359-4PC22-2M
2 m (6') vented cable with M12 connector for PX359 for gage ranges <100 psi
CA-359-4PC22-5M
5 m (16') vented cable with M12 connector for PX359 for gage ranges <100 psi
M12C-PVC-4-S-F-5
5 m (16') PVC cable, straight 4-pin M12 female connector one end, flying leads one end, for
all PX359 absolute ranges and gage ranges >100 psi
DP8PT
4-digit meter for both mV/V and amplified PX3*9 models
DP25B-S
4-digit strain meter for mV/V PX3*9 models
DP25B-E
4-digit process meter for amplified PX3*9 models
Accessories
PX309 Series
Accessories
CA-359-4PC22-2M
cable, shown smaller
than actual size.
PX329
Mating
Connector
PT06V-10-6S
Note: Complete meter specifications can be found at OMEGA.
DP8PT, shown smaller
than actual size.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com