Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX319-005AI. Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # PX319-005AI.
Description  All Stainless Steel Transducer/Transmitter Multimedia Compatibility High-Performance Silicon Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

PX319-005AI. Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  PX319-005AI. Datasheet HTML 1Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 2Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 3Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 4Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 5Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 6Page - Omega Engineering, Inc. PX319-005AI. Datasheet HTML 7Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
All Stainless Steel
Transducer/Transmitter
Multimedia Compatibility
High-Performance Silicon Technology
Imperial Model
0-1 to 0-10,000 psi
0-0.07 to 0-690 bar
100 mV, 0 to 5 V,
and 4 to 20 mA Outputs
PX309 Series
Standard
U
1, 2 & 5 psi Low
Pressure Ranges!
U
All Stainless Steel
Construction
U
Gage, Absolute, Compound Gage
or Vacuum Pressure
U
Rugged Solid State Design
U
High Stability, Low Drift
U
0.25% Static Accuracy
U
IP65 Protection Class
We provide a complete range of services—from
product inception, through design and prototypes,
to manufacturing and testing. Our application
engineers work closely with our customers
to
customize, design or create entirely new
products. Call us—whether you’re an OEM,
manufacturer, or end user.
PX319-100GV
PX329-100GV
All models shown smaller
than actual size.
PX309-100GV.
Cable style.
mini DIN
style.
Twist-lock
style.
LARGE
INVENTORY
Fast Shipment!
PX359-100GV
M12 connector
style


Similar Part No. - PX319-005AI.

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PX319-005AI OMEGA-PX319-005AI Datasheet
4Mb / 8P
All Stainless Steel Transducer/Transmitter Multimedia Compatibility
More results

Similar Description - PX319-005AI.

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9131 SMSC-LAN9131 Datasheet
323Kb / 2P
High-Performance Network Multimedia Processing Engine, Featuring RipStream Technology
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
logo
Greystone Energy System...
PS-TE500AS GREYSTONE-PS-TE500AS Datasheet
193Kb / 1P
STAINLESS STEEL TEMPERATURE TRANSMITTER
01/20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com