Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1001-DS-R03 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R03
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R03 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
IP1001 LF
Data Sheet
31/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.6
Link Partner’s Ability Register (Base Page) (Reg5)
Bit
Name
Description
Type
HW
Reset
SW
Reset
5[4:0]
Selector Field
RO
0
0
5.5
10BASE-T Half
Duplex
1 = 10Base-T is supported by link partner
0 = 10Base-T not supported by link partner
RO
0
0
5.6
10BASE-T Full
Duplex
1 = 10Base-T full duplex is supported by link
partner
0 = 10Base-T full duplex not supported by link
partner
RO
0
0
5.7
100BASE-TX Half
Duplex
1 = 100Base-TX is supported by link partner
0 = 100Base-TX not supported by link partner
RO
0
0
5.8
100BASE-TX Full
Duplex
1 = 100Base-TX full duplex is supported by
link partner
0 = 100Base-TX full duplex not supported by
link partner
RO
0
0
5.9
100BASE-T4
1 = 100Base-T4 is supported by link partner
0 = 100Base-T4 not supported by link partner
RO
0
0
5.10
PAUSE
1 = flow control is supported by Link partner
0 = flow control is not supported by Link
partner
RO
0
0
5.11
Asymmetric Pause 1 = asymmetric flow control is supported by
Link partner
0 = asymmetric flow control is NOT supported
by Link partner
RO
0
0
5.12
Reserved
RO
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com