Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1001-DS-R03 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R03
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R03 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R03 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
IP1001 LF
Data Sheet
3.8
Smart speed
IP1001 supports smart speed function. If IP1001 can’t link at Gigabit speed due to cable quality, the link
speed is down shift to 100M automatically if smart speed option is turned on. If the function is turned off,
IP1001 will link down if it can’t link at giga mode due to cable quality. The function is default on and it can be
enabled/disabled by programming MII register 16.11.
3.9
Power supply
IP1001 has 4 sets of power pins, DVDD, AVDD, VDDO and AVDDH. VDDO is connected to 3.3v or 2.5v
depending on MAC interface is GMII or RGMII. AVDDH can use the same power source of VDDO, that is 3.3v
or 2.5v, but it needs a bead to prevent VDDO noise. AVDD can be connected to 1.8v or 2.1v. If there is no
external 1.8v power source, user can use the 2.1v power generated by the built in regulator (CTRL21). DVDD
is connected to 1.2v. The center tap of transformer can be connected to 2.1v or 2.5v. If there is no external
2.5v power source, user can use the 2.1v power generated by the built in regulator control(CTRL21). The
current limit of bead should be large enough to prevent the IR drop in power supply input.
IP 10 01
DVDD
AV D D
VD D O
AV D D H
1 .2 v (fro m re g u la to r)
1.8v or
2 .1 v (fro m re g u la to r)
3.3v (G M II) or
2.5v (R G M II)
b ead
b ead
T ran s form e r
CT
2.5v o r 2.1v (from reg ula to r)
CT RL 1 2 D
CT R L 2 1
PN P
PN P
1.2v
2 .1 v
b ead
Dec. 18, 2007
24/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com