Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1001-DS-R03 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R03
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R03 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R03 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
IP1001 LF
Data Sheet
26/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4
Register Descriptions
Abbreviation description
Abbreviation
Description
SC
Self-Clear
LH
Latched High
LL
Latched Low
RO
Read Only
R/W
Read and Write
NA
Not Affected
HW Reset
Reset by RESET# pin
SW Reset
Reset by MII register 0 bit 15
PHY registers
The IP1001 supports a full set of PHY registers, which can be accessed through the MDC/MDIO interface.
Register
Description
Reg0
Control Register
Reg1
Status Register
Reg2
PHY Identifier Register
Reg3
PHY Identifier Register
Reg4
Auto-Negotiation advertise register
Reg5
Link Partner Ability Register
Reg6
Auto-Negotiation Expansion Register
Reg7
Auto-Negotiation Next Page Transmit Register
Reg8
Auto-Negotiation Link Partner Next Page Register
Reg9
1000BASE-T Control Register
Reg10
1000BASE-T Status Register
Reg11~14
Reserved. Do not access to these registers.
Reg15
Extended Status Register
Reg16
PHY Specific Control Register1
Reg17
PHY Link Status Register
Reg18~19
Reserved. Do not access to these registers.
Reg20
PHY Specific Control Register2
Reg21~31
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com