Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IP1001-DS-R03 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R03
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R03 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R03 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1001-DS-R03 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
IP1001 LF
Data Sheet
Pin description (continued)
Pin no.
Label
Type
Description
Miscellaneous
16
CTRL21
O
Regulator Control.
The internal linear regulator uses this pin to control an
external PNP transistor to generate a 2.1v voltage source.
IP1001 uses the AVDDH as a reference voltage, which can be
3.3v or 2.5v as shown in the following figure. The 2.1v power
source is used for center tap of transformer and AVDD. The
built in regulator works only if AVDD pins are connected to the
collector of the external PNP as shown in the following figure.
If AVDD pins are connected to an external power source
instead of the collector of PNP, the function of CTRL21
doesn’t work.
AVDDH (3.3v/ 2.5v)
CTRL21
AVDD (2.1v)
This pin can be left open if it is not used.
32
CTRL12D
O
Regulator Control.
The internal linear regulator uses this pin to control an
external PNP transistor to generate a 1.2v voltage source.
IP1001 uses the VDDO as a reference voltage, which can be
3.3v or 2.5v as shown in the following figure. The 1.2v power
source is used for DVDD.
The built in regulator works only if DVDD pins are connected
to the collector of the external PNP as shown in the following
figure. If DVDD pins are connected an external power source
instead of the collector of PNP, the function of CTRL12D
doesn’t work.
VDDO (3.3v/ 2.5v)
CTRL12D
DVDD (1.2v)
This pin can be left open if it is not used.
Dec. 18, 2007
13/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com