Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L4R9AI Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32L4R9AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R9AI Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32L4R9AI Datasheet HTML 32Page - STMicroelectronics STM32L4R9AI Datasheet HTML 33Page - STMicroelectronics STM32L4R9AI Datasheet HTML 34Page - STMicroelectronics STM32L4R9AI Datasheet HTML 35Page - STMicroelectronics STM32L4R9AI Datasheet HTML 36Page - STMicroelectronics STM32L4R9AI Datasheet HTML 37Page - STMicroelectronics STM32L4R9AI Datasheet HTML 38Page - STMicroelectronics STM32L4R9AI Datasheet HTML 39Page - STMicroelectronics STM32L4R9AI Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
36/306
DocID030321 Rev 3
3.10.6
VBAT operation
The VBAT pin allows to power the device VBAT domain from an external battery, an external
supercapacitor, or from VDD when there is no external battery and when an external
supercapacitor is present. The VBAT pin supplies the RTC with LSE and the backup
registers. Three anti-tamper detection pins are available in VBAT mode.
The VBAT operation is automatically activated when VDD is not present. An internal VBAT
battery charging circuit is embedded and can be activated when VDD is present.
Note:
When the microcontroller is supplied from VBAT, neither external interrupts nor RTC
alarm/events exit the microcontroller from the VBAT operation.
3.11
Interconnect matrix
Several peripherals have direct connections between them, which allow autonomous
communication between them and support the saving of CPU resources (thus power supply
consumption). In addition, these hardware connections allow fast and predictable latency.
Depending on the peripherals, these interconnections can operate in Run, Sleep, Low-
power run and Sleep, Stop 0, Stop 1 and Stop 2 modes. See Table 6 for more details.
Table 6. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
peripherals interconnect matrix
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timers synchronization or chaining
Y
Y
Y
Y
-
-
ADC
DACx
DFSDM1
Conversion triggers
Y
Y
Y
Y
-
-
DMA
Memory to memory transfer trigger
Y
Y
Y
Y
-
-
COMPx
Comparator output blanking
Y
Y
Y
Y
-
-
COMPx
TIM1, 8
TIM2, 3
Timer input channel, trigger, break from
analog signals comparison
YY
YY
-
-
LPTIMERx
Low-power timer triggered by analog
signals comparison
YY
YY
Y
Y
(1)
ADCx
TIM1, 8
Timer triggered by analog watchdog
Y
Y
Y
Y
-
-
RTC
TIM16
Timer input channel from RTC events
Y
Y
Y
Y
-
-
LPTIMERx
Low-power timer triggered by RTC alarms
or tampers
YY
YY
Y
Y
(1)
All clocks sources (internal
and external)
TIM2
TIM15, 16, 17
Clock source used as input channel for
RC measurement and trimming
YY
YY
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com