Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L4R9AI Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32L4R9AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R9AI Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32L4R9AI Datasheet HTML 18Page - STMicroelectronics STM32L4R9AI Datasheet HTML 19Page - STMicroelectronics STM32L4R9AI Datasheet HTML 20Page - STMicroelectronics STM32L4R9AI Datasheet HTML 21Page - STMicroelectronics STM32L4R9AI Datasheet HTML 22Page - STMicroelectronics STM32L4R9AI Datasheet HTML 23Page - STMicroelectronics STM32L4R9AI Datasheet HTML 24Page - STMicroelectronics STM32L4R9AI Datasheet HTML 25Page - STMicroelectronics STM32L4R9AI Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
22/306
DocID030321 Rev 3
The main features of the firewall are the following:
•
Three segments can be protected and defined thanks to the firewall registers:
–
Code segment (located in Flash or SRAM1 if defined as executable protected
area)
–
Non-volatile data segment (located in Flash)
–
Volatile data segment (located in SRAM1)
•
The start address and the length of each segment are configurable:
–
Code segment: up to 2048 Kbytes with granularity of 256 bytes
–
Non-volatile data segment: up to 2048 Kbytes with granularity of 256 bytes
–
Volatile data segment: up to 192 Kbytes of SRAM1 with a granularity of 64 bytes
•
Specific mechanism implemented to open the firewall to get access to the protected
areas (call gate entry sequence)
•
Volatile data segment can be shared or not with the non-protected code
•
Volatile data segment can be executed or not depending on the firewall configuration
The Flash readout protection must be set to level 2 in order to reach the expected level of
protection.
3.8
Boot modes
At startup, a BOOT0 pin and an nBOOT1 option bit are used to select one of three boot
options:
•
Boot from user Flash
•
Boot from system memory
•
Boot from embedded SRAM
The BOOT0 value may come from the PH3-BOOT0 pin or from an option bit depending on
the value of a user option bit to free the GPIO pad if needed.
A Flash empty-check mechanism is implemented to force the boot from system Flash if the
first Flash memory location is not programmed and if the boot selection is configured to boot
from main Flash.
The boot loader is located in the system memory. It is used to reprogram the Flash memory
by using USART, I2C, SPI, CAN or USB OTG FS in device mode through the DFU (device
firmware upgrade).
3.9
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code using a
configurable generator with polynomial value and size.
Among other applications, the CRC-based techniques are used to verify data transmission
or storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a mean to verify
the Flash memory integrity.
The CRC calculation unit helps to compute a signature of the software during runtime, which
can be ulteriorly compared with a reference signature generated at link-time and which can
be stored at a given memory location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com