Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32L4R9AI Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32L4R9AI
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R9AI Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32L4R9AI Datasheet HTML 53Page - STMicroelectronics STM32L4R9AI Datasheet HTML 54Page - STMicroelectronics STM32L4R9AI Datasheet HTML 55Page - STMicroelectronics STM32L4R9AI Datasheet HTML 56Page - STMicroelectronics STM32L4R9AI Datasheet HTML 57Page - STMicroelectronics STM32L4R9AI Datasheet HTML 58Page - STMicroelectronics STM32L4R9AI Datasheet HTML 59Page - STMicroelectronics STM32L4R9AI Datasheet HTML 60Page - STMicroelectronics STM32L4R9AI Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 306 page
background image
DocID030321 Rev 3
57/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Functional overview
64
3.33
Universal synchronous/asynchronous receiver transmitter
(USART)
The STM32L4Rxxx devices have three embedded universal synchronous receiver
transmitters (USART1, USART2 and USART3) and two universal asynchronous receiver
transmitters (UART4, UART5).
These interfaces provide asynchronous communication, IrDA SIR ENDEC support,
multiprocessor communication mode, single-wire half-duplex communication mode and
have LIN master/slave capability. They provide hardware management of the CTS and RTS
signals, and RS485 driver enable. They are able to communicate at speeds of up to
10 Mbit/s.
The USART1, USART2 and USART3 also provide a Smartcard mode (ISO 7816 compliant)
and an SPI-like communication capability.
All USART have a clock domain independent from the CPU clock, allowing the USARTx
(x=1,2,3,4,5) to wake up the MCU from Stop mode using baudrates up to 200 Kbaud. The
wake up events from Stop mode are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
All USART interfaces can be served by the DMA controller.
Table 12. USART/UART/LPUART features
USART modes/features(1)
USART1 USART2 USART3 UART4
UART5
LPUART1
Hardware flow control for modem
XXXXX
X
Continuous communication using DMA
XXXXX
X
Multiprocessor communication
XXXXX
X
Synchronous mode
X
X
X
-
-
-
Smartcard mode
X
X
X
-
-
-
Single-wire half-duplex communication
XXXXX
X
IrDA SIR ENDEC block
XXXXX
-
LIN mode
XXXXX
-
Dual clock domain
XXXXX
X
Wakeup from Stop 0 / Stop 1 modes
XXXXX
X
Wakeup from Stop 2 mode
-----
X
Receiver timeout interrupt
XXXXX
-
Modbus communication
XXXXX
-
Auto baud rate detection
X (4 modes)
-
Driver enable
XXXXX
X
LPUART/USART data length
7, 8 and 9 bits
1. X = supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com