Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEAD310 Datasheet(PDF) 1 Page - TT Electronics.

Part # PEAD310
Description  PEAD310 Power Supply Series (310W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PEAD310 Datasheet(HTML) 1 Page - TT Electronics.

  PEAD310 Datasheet HTML 1Page - TT Electronics. PEAD310 Datasheet HTML 2Page - TT Electronics. PEAD310 Datasheet HTML 3Page - TT Electronics. PEAD310 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TT Electronics
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600
© TT Electronics plc
General Note
All data sheets are subject to change without no ce.
ISS.10 11/15/2023 Page: 1
Descrip on:
The PEAD310 series of AC/DC switching power supplies are for 250-310 wa s of con nuous output power. They are
available as Class I or Class II devices with the inlet of IEC320/C14 or C18 to mate with an interchangeable cord for world-
wide use. All models meet FCC Part 15, EN55032, and CISPR32 class B emission limits, and comply with UL, IEC, DOE level VI,
CE, and more.
Features:
•
Class I and Class II Versions
•
Meets Efficiency Level VI Requirements
•
LED on Indicator
•
Overload Protec on
•
Short Circuit Protec on
•
No Load Opera on
•
100% Burn-In/Hi-Pot Tes ng
Model
Voltage
Current
Total Power
Load Regula on
Line Regula on
Ripple & Noise
(P-P)
PEAD310-12
12VDC
20.83A
250W
±5%
±2%
240mV
PEAD310-13
15VDC
16.66A
250W
±5%
±2%
300mV
PEAD310-13-2
19VDC
15.79A
300W
±5%
±2%
380mV
PEAD310-14
24VDC
12.50A
300W
±5%
±2%
480mV
PEAD310-17
36VDC
8.61A
310W
±5%
±2%
720mV
PEAD310-18
48VDC
6.45A
310W
±5%
±2%
840mV
PEAD310-19-1
56VDC
5.53A
310W
±5%
±2%
840mV
NOTES:
1.
Output ripple and noise is measured within a limited bandwidth of 20MHz, with a 0.1µF ceramic capacitor and a 47µF electroly c
capacitor in parallel with the device output.
2.
C14 Standard Receptacle.
For C18 input receptacle, add “F” to the end of the model number.
For C6 input receptacle, add “S” to the end of the model number.
For C8 input receptacle, add “SF” to the end of the model number.


Similar Part No. - PEAD310

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PEAD36B TTELEC-PEAD36B Datasheet
556Kb / 4P
PEAD36B Power Supply Series (36W)
05/03/2020
PEAD36B-10-B2 TTELEC-PEAD36B-10-B2 Datasheet
556Kb / 4P
PEAD36B Power Supply Series (36W)
05/03/2020
PEAD36B-11-B2 TTELEC-PEAD36B-11-B2 Datasheet
556Kb / 4P
PEAD36B Power Supply Series (36W)
05/03/2020
PEAD36B-12-B2 TTELEC-PEAD36B-12-B2 Datasheet
556Kb / 4P
PEAD36B Power Supply Series (36W)
05/03/2020
PEAD36B-13-1-B2 TTELEC-PEAD36B-13-1-B2 Datasheet
556Kb / 4P
PEAD36B Power Supply Series (36W)
05/03/2020
More results

Similar Description - PEAD310

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA150U-240 PHIHONG-PSA150U-240 Datasheet
908Kb / 2P
Switching Power Supply Series
PSA60-105 PHIHONG-PSA60-105_14 Datasheet
103Kb / 2P
PSA60 Series Switching power Supply
logo
HITRON ELECTRONICS CORP...
HDRC255P-110J-490 HITRON-HDRC255P-110J-490 Datasheet
249Kb / 2P
310W 3U X 8HP CPCI Package
logo
Omron Electronics LLC
CJ1W-PA OMRON-CJ1W-PA Datasheet
1Mb / 11P
CJ-series Power Supply Unit
logo
Lite-On Technology Corp...
PS-4801-6 LITEON-PS-4801-6 Datasheet
359Kb / 3P
PC Power Supply ATX Series
PS-5551-1 LITEON-PS-5551-1 Datasheet
349Kb / 3P
PC Power Supply ATX Series
PS-5751-1 LITEON-PS-5751-1 Datasheet
354Kb / 3P
PC Power Supply ATX Series
PS-5851-1 LITEON-PS-5851-1 Datasheet
354Kb / 3P
PC Power Supply ATX Series
PS-6301-09 LITEON-PS-6301-09 Datasheet
405Kb / 3P
PC Power Supply ATX Series
PS-8651-2 LITEON-PS-8651-2_V01 Datasheet
417Kb / 3P
PC Power Supply ATX Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com