Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEAD36B Datasheet (PDF) - TT Electronics.

PEAD36B Datasheet PDF - TT Electronics.
Part # PEAD36B
Download  PEAD36B Download
File Size   556.17 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PEAD36B Power Supply Series (36W)

PEAD36B Datasheet (PDF)

Go To PDF Page Download Datasheet
PEAD36B Datasheet PDF - TT Electronics.

Part # PEAD36B
Download  PEAD36B Click to download

File Size   556.17 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PEAD36B Power Supply Series (36W)

PEAD36B Datasheet (HTML) - TT Electronics.


PEAD36B Product details

Features:
• Class I and Class II Versions
• Level VI Efficiency
• CoC Tier 2 * *
• Optional LED on Indicator
• <100mW No Load Power Consumption
• Overload Protection
• Short Circuit Protection
• RoHS Compliant




Similar Part No. - PEAD36B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PEAD310 TTELEC-PEAD310 Datasheet
1Mb / 4P
PEAD310 Power Supply Series (310W)
11/15/2023
PEAD310-12 TTELEC-PEAD310-12 Datasheet
1Mb / 4P
PEAD310 Power Supply Series (310W)
11/15/2023
PEAD310-13 TTELEC-PEAD310-13 Datasheet
1Mb / 4P
PEAD310 Power Supply Series (310W)
11/15/2023
PEAD310-13-2 TTELEC-PEAD310-13-2 Datasheet
1Mb / 4P
PEAD310 Power Supply Series (310W)
11/15/2023
PEAD310-14 TTELEC-PEAD310-14 Datasheet
1Mb / 4P
PEAD310 Power Supply Series (310W)
11/15/2023
More results


Similar Description - PEAD36B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU204 MOSPEC-BU204 Datasheet
116Kb / 3P
POWER TRANSISTORS(2.5A,1300-1500V,36W)
logo
Phihong USA Inc.
PDA038B-T350G PHIHONG-PDA038B-T350G Datasheet
129Kb / 3P
36W LED Driver with 3 Channel Constant Current Outputs LED Power Supply
logo
Toppower Electronic Tec...
TPCPS-35-XS TOPPOWER-TPCPS-35-XS Datasheet
828Kb / 4P
30-36W Wide input AC/DC switching power supply
logo
MORNSUN Science& Techno...
MY03609DA MORNSUN-MY03609DA Datasheet
321Kb / 4P
36W AC/DC Adapter
MG03609HA MORNSUN-MG03609HA Datasheet
335Kb / 4P
36W AC/DC Adapter
MI03609HA MORNSUN-MI03609HA Datasheet
328Kb / 4P
36W AC/DC Adapter
MC03609HA MORNSUN-MC03609HA Datasheet
306Kb / 4P
36W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TR36M CINCON-TR36M Datasheet
473Kb / 2P
36W MEDICAL SWITCHING ADAPTER
TRE36 CINCON-TRE36 Datasheet
265Kb / 2P
36W SWITCHING ADAPTER
TRG36 CINCON-TRG36 Datasheet
355Kb / 2P
36W SWITCHING ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com