Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEAD310 Datasheet(PDF) 2 Page - TT Electronics.

Part # PEAD310
Description  PEAD310 Power Supply Series (310W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PEAD310 Datasheet(HTML) 2 Page - TT Electronics.

  PEAD310 Datasheet HTML 1Page - TT Electronics. PEAD310 Datasheet HTML 2Page - TT Electronics. PEAD310 Datasheet HTML 3Page - TT Electronics. PEAD310 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TT Electronics
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600
© TT Electronics plc
General Note
All data sheets are subject to change without no ce.
ISS.10 11/15/2023 Page: 2
Specifica ons
Input
Input Voltage
90-264VAC
Input Frequency
47-63 Hz
Input Current
5A max at 115 VAC
2.5A max at 230 VAC
Inrush Current
<70A peak at 115VAC
<140A peak at 230VAC, cold start, 25ºC
Safety Isola on
3.0kVAC Input to Output
1.8kVAC Input to Ground
Leakage Current
3500µA max. at 240VAC
Output
Total Output Power
220-250W See Table
Output Voltage
See Table
Hold Up Time
≥10mS typical/full load/115VAC
Average Ac ve efficiency
>88% with 115VAC/60Hz & 230Vac/50Hz input voltage (CEC level VI
compliant)
No Load Power Consump on
<500mW at nominal line input
Turn on Delay
<3 seconds
Protec on Features
Overvoltage Protec on
110%-150% Max. of nominal. Latch-off
Overcurrent Protec on
110%-150% of maximum output current. Auto recovery
Short Circuit
Auto recovery
Ingress
IP22 Compliant
Environmental
Opera ng Temperature
0°C to 60°C (Derate output power linearly from 100% at 40°C to
50% at 60°C)
Storage Temperature
-20°C to +85°C
Opera ng Humidity
10% - 90% non-condensing
Al tude
<5000m opera onal and storage
General Specifica ons
Dimensions
7.78”(197.7mm)L x 4.02”(102.1mm)W x 2.01”(51.1mm)H
Weight
2.98lb (1350g)
MTBF
>50,000 hours per MIL-HDBK-217F at full load and 25ºC ambient
AC Input Receptacle
IEC60320 C14, C6, C8, C18
DC output Plug
6-pin Molex mini-fit, #39-01-2060 with female terminals #5556.
Mates with Molex plug 39-01- 2066 and male terminal #5558. Oth-
er connectors available upon request.
Power Factor
>0.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com