Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEAD310 Datasheet(PDF) 3 Page - TT Electronics.

Part # PEAD310
Description  PEAD310 Power Supply Series (310W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PEAD310 Datasheet(HTML) 3 Page - TT Electronics.

  PEAD310 Datasheet HTML 1Page - TT Electronics. PEAD310 Datasheet HTML 2Page - TT Electronics. PEAD310 Datasheet HTML 3Page - TT Electronics. PEAD310 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TT Electronics
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600
© TT Electronics plc
General Note
All data sheets are subject to change without no ce.
ISS.10 11/15/2023 Page: 3
Specifica ons Con nued
Safety
Approved to USA/Canada
UL62368-1
CAN/CSA C22.2 No. 62368-1
Approved to Europe
EN62368-1
CB IEC 62368-1
EMC
EMC
FCC Part 15 Class B Radiated & Conducted
CISPR32 Class B Radiated & Conducted
EN55032 Class B Radiated & Conducted
EN55035
Harmonic Currents
Voltage Flicker
Electrosta c Discharge
Radiated Immunity
EFT
Surge Immunity
Conducted Immunity
Power Frequency Magne c Field Immunity
Dips/Interrup ons
IEC 61000-3-2: Class D
IEC 61000-3-3
IEC 61000-4-2: 8kV Air, 4kV contact
IEC 61000-4-3: 3V/m
IEC 61000-4-4: ±1kV
IEC 61000-4-5: 2005 1kV diff, 2kV com
IEC 61000-4-6: 3Vrms
IEC 61000-4-8: 1A/m
IEC 61000-4-11: 30% reduc on for 500ms,>95% reduc on for 10ms
*Consult with TT Electronics for informa on on addi onal country safety approvals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com