Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8360
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8360 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
2
Freescale Semiconductor
Overview
1Overview
This section describes a high-level overview including features and general operation of the
MPC8360E/58E PowerQUICC™ II Pro processor. A major component of this device is the e300 core
which includes 32 Kbytes of instruction and data cache and is fully compatible with the PowerPC™ 603e
instruction set. The new QUICC Engine™ module provides termination, interworking, and switching
between a wide range of protocols including ATM, Ethernet, HDLC, and POS. The QUICC Engine
module's enhanced interworking eases the transition and reduces investment costs from ATM to IP based
systems. The other major features include a dual DDR SDRAM memory controller for the MPC8360E,
which allows equipment providers to partition system parameters and data in an extremely efficient way,
such as using one 32-bit DDR memory controller for control plane processing and the other for data plane
processing. The MPC8358E has a single DDR SDRAM memory controller. The MPC8360E/58E also
offers a 32-bit PCI controller, a flexible local bus, and a dedicated security engine.
Figure 1. MPC8360E Block Diagram
Memory Controllers
GPCM/UPM/SDRAM
32/64 DDR Interface Unit
PCI Bridge
Local Bus
Bus Arbitration
DUART
Dual I2C
4 Channel DMA
Interrupt Controller
Protection & Configuration
System Reset
Clock Synthesizer
System Interface Unit
(SIU)
Local
Baud Rate
Generators
Multi-User
RAM
Parallel I/O
Accelerators
Dual 32-bit RISC CP
Serial DMA
&
2 Virtual
DMAs
2 GMII/
RGMII/TBI/RTBI
8 MII/
RMII
8 TDM Ports
2 UTOPIA/POS
(124 MPHY)
Serial Interface
QUICC Engine Module
JTAG/COP
Power
Management
Timers
FPU
Classic G2 MMUs
32KB
D-Cache
32KB
I-Cache
Security Engine
e300 Core
PCI
DDRC1
Time Slot Assigner
DDRC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com