Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8360
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8360 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Freescale Semiconductor
Technical Data
This document provides an overview of the MPC8360E/58E
PowerQUICC™ II Pro processor revision 2.x TBGA
features, including a block diagram showing the major
functional components. This device is a cost-effective,
highly integrated communications processor that addresses
the needs of the networking, wireless infrastructure and
telecommunications markets. Target applications include
next generation DSLAMs, network interface cards for 3G
basestations (Node Bs), routers, media gateways and high
end IADs. The device extends current PowerQUICC II Pro
offerings, adding higher CPU performance, additional
functionality, faster interfaces and robust interworking
between protocols while addressing the requirements related
to time-to-market, price, power, and package size. This
device can be used for the control plane along with data
plane functionality.
For functional characteristics of the processor, refer to the
MPC8360E Integrated Communications Processor Family
Reference Manual, Rev. 2.
To locate any published errata or updates for this document,
contact your Freescale sales office.
Document Number: MPC8360EEC
Rev. 2, 12/2007
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . 8
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 13
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 15
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 16
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 19
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
8. UCC Ethernet Controller: Three-Speed Ethernet, MII
Management. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
9. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
12. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
13. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
15. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
16. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
17. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
18. UTOPIA/POS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
19. HDLC, BISYNC, Transparent, and Synchronous
UART. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
20. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
21. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . . 68
22. Clocking. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
23. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
24. System Design Information . . . . . . . . . . . . . . . . . . . 104
25. Document Revision History. . . . . . . . . . . . . . . . . . . 108
26. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 108
MPC8360E/MPC8358E
PowerQUICC™ II Pro Processor
Revision 2.x TBGA Silicon
Hardware Specifications


Similar Part No. - MPC8360

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360 FREESCALE-MPC8360 Datasheet
616Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360 FREESCALE-MPC8360 Datasheet
612Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360 NXP-MPC8360 Datasheet
1Mb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8360CVVAGDGA FREESCALE-MPC8360CVVAGDGA Datasheet
612Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360CVVAGDHA FREESCALE-MPC8360CVVAGDHA Datasheet
612Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
More results

Similar Description - MPC8360

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
MPC8360CZUAJDG FREESCALE-MPC8360CZUAJDG Datasheet
612Kb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com