Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8360
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8360 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
39
UCC Ethernet Controller: Three-Speed Ethernet, MII Management
Figure 20 shows the MII management AC timing diagram.
Figure 20. MII Management Interface Timing Diagram
8.3.3
IEEE Std. 1588™ Timer AC Specifications
Table 38 provides the IEEE Std. 1588 timer AC specifications.
MDC fall time
tMDHF
—
—
10
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tMDKHDX symbolizes management data timing (MD) for the time tMDC from clock reference (K) high (H) until data
outputs (D) are invalid (X) or data hold time. Also, tMDRDVKH symbolizes management data timing (MD) with respect
to the time data input signals (D) reach the valid state (V) relative to the tMDC clock reference (K) going to the high
(H) state or setup time. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F
(fall).
2. This parameter is dependent on the csb_clk speed (that is, for a csb_clk of 267 MHz, the maximum frequency is
8.3 MHz and the minimum frequency is 1.2 MHz; for a csb_clk of 375 MHz, the maximum frequency is 11.7 MHz
and the minimum frequency is 1.7 MHz).
3. This parameter is dependent on the ce_clk speed (that is, for a ce_clk of 200 MHz, the delay is 90 ns and for a ce_clk
of 300 MHz, the delay is 63 ns).
Table 38. 1588 Timer AC Specifications
Parameter
Symbol
Min
Max
Unit
Notes
Timer clock cycle time
tTMRCK
070
MHz
1
Input Setup to timer clock
tTMRCKS
———
2,3
Input Hold from timer clock
tTMRCKH
———
2,3
Output clock to output valid
tGCLKNV
06
ns
Table 37. MII Management AC Timing Specifications (continued)
At recommended operating conditions with LVDD is 3.3 V ± 10%
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
MDC
tMDRDXKH
tMDC
tMDCH
tMDCR
tMDHF
tMDTKHDX
MDIO
MDIO
(Input)
(Output)
tMDRDVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com