Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8360
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8360 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8360 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
Freescale Semiconductor
21
DDR and DDR2 SDRAM
Table 16 provides the DDR capacitance when GVDD(typ) = 2.5 V.
6.2
DDR and DDR2 SDRAM AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR and DDR2 SDRAM interface.
6.2.1
DDR and DDR2 SDRAM Input AC Timing Specifications
Table 17 provides the input AC timing specifications for the DDR2 SDRAM interface when
GVDD(typ) = 1.8 V.
Table 18 provides the input AC timing specifications for the DDR SDRAM interface when
GVDD(typ) = 2.5 V.
Input current (0 V
≤VIN ≤ OVDD)IIN
—±10
μA
Notes:
1. GVDD is expected to be within 50 mV of the DRAM GVDD at all times.
2. MVREF is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREF may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected
to be equal to MVREF. This rail should track variations in the DC level of MVREF.
4. Output leakage is measured with all outputs disabled, 0 V
≤ V
OUT ≤ GVDD.
Table 16. DDR SDRAM Capacitance for GVDD(typ) = 2.5 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS
CDIO
—0.5
pF
1
Note:
1. This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT (peak to peak) =
0.2 V.
Table 17. DDR2 SDRAM Input AC Timing Specifications for GVDD(typ) = 1.8 V
At recommended operating conditions with GVDD of 1.8 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.25
V
AC input high voltage
VIH
MVREF + 0.25
—
V
Table 18. DDR SDRAM Input AC Timing Specifications Mode for GVDD(typ) = 2.5 V
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.31
V
Table 15. DDR SDRAM DC Electrical Characteristics for GVDD(typ) = 2.5 V (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com