Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-1005PS Datasheet(PDF) 13 Page - Extreme Networks.

Part # STK-RPS-1005PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-1005PS Datasheet(HTML) 13 Page - Extreme Networks.

Back Button STK-RPS-1005PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 12Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 13Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 14Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 15Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Ordering Notes
All X440-G2 switches ship with fixed fans and power supplies:
• All X440-G2 switches support optional external redundant power supplies (RPS).
• The following three switch models that support 0°C to 60°C are NOT upgradeable to 10GbE:
◦
X440-G2-24fx-GE4
◦
X440-G2-12t8fx-GE4
◦
X440-G2-24t-GE4
Ordering Information
X440-G2 Switches
Part Number
Name
Description
16530
X440-G2-12t-10GE4
X440-G2 12 10/100/1000BASE-T, 4 1GbE unpopulated SFP upgradable to 10GbE SFP+, 1 Fixed
AC PSU, 1 RPS port, ExtremeXOS Edge license
16531
X440-G2-12p-10GE4
X440-G2 12 10/100/1000BASE-T POE, 4 1GbE unpopulated SFP upgradable to 10GbE SFP+, 1
Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license
16531T
X440-G2-12p-10GE4-TAA
X440-G2 12 10/100/1000BASE-T POE, 4 1GbE unpopulated SFP upgradeable to 10GbE SFP+, 1
Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license, TAA model
16532
X440-G2-24t-10GE4
X440-G2 24 10/100/1000BASE-T, 4 SFP combo, 4 1GbE unpopulated SFP upgradable to 10GbE
SFP+, 1 Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license
16532T
X440-G2-24t-10GE4-TAA
X440-G2 24 10/100/1000BASE-T, 4 SFP combo, 4 1GbE unpopulated SFP upgradeable to
10GbE SFP+, 1 Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license, TAA model
16533
X440-G2-24p-10GE4
X440-G2 24 10/100/1000BASE-T POE, 4 SFP combo, 4 1GbE unpopulated SFP upgradable to
10GbE SFP+, 1 Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license
16533T
X440-G2-24p-10GE4-TAA
X440-G2 24 10/100/1000BASE-T POE, 4 SFP combo, 4 1GbE unpopulated SFP upgradeable
to10GbE SFP+, 1 Fixed AC PSU, 1 RPS port, ExtremeXOS Edge license, TAA model
16534
X440-G2-48t-10GE4
X440-G2 48 10/100/1000BASE-T, 4 SFP combo, 4 1GbE unpopulated SFP upgradable to 10GbE
SFP+ (2 combo/2 non-combo), 2 1GbE copper combo upgradable to 10GbE, 1 Fixed AC PSU, 1
RPS port, ExtremeXOS Edge license
16535
X440-G2-48p-10GE4
X440-G2 48 10/100/1000BASE-T POE, 4 SFP combo, 4 1GbE unpopulated SFP upgradable to
10GbE SFP+ (2 combo/2 non-combo), 2 1GbE copper combo upgradable to 10GbE, 1 Fixed AC
PSU, 1 RPS port, ExtremeXOS Edge license
16535A
X440-G2-48p-10GE4
X440-G2 48 10/100/1000BASE-T POE, 4 1GbE unpopulated SFP upgradable to 10GbE SFP+ (2
combo/2 non-combo), 2 1GbE copper combo upgradable to 10GbE, 1 Fixed AC PSU, 1 RPS
port, ExtremeXOS Edge license. (Note: alternative supply-chain SKU for Part # 16535)
16535T
X440-G2-48p-10GE4-TAA
X440-G2 48 10/100/1000BASE-T POE, 4 SFP combo, 4 1GbE unpopulated SFP upgradeable to
10GbE SFP+ (2 combo/2 non-combo), 2 1GbE copper combo upgradable to 10GbE, 1 Fixed AC
PSU, 1 RPS port, ExtremeXOS, TAA model
16536
X440-G2-24t-10GE4-DC
X440-G2 24 10/100/1000BASE-T, 4 SFP combo, 4 1GbE unpopulated SFP upgradable to 10GbE
SFP+, 1 Fixed DC PSU, 1 RPS port, ExtremeXOS Edge license
16537
X440-G2-48t-10GE4-DC
X440-G2 48 10/100/1000BASE-T, 4 SFP combo, 4 1GbE unpopulated SFP upgradable to 10GbE
SFP+ (2 combo/2 non-combo), 2 1GbE copper combo upgradable to 10GbE, 1 Fixed DC PSU, 1
RPS port, ExtremeXOS Edge license
www.extremenetworks.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com