Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-1005PS Datasheet(PDF) 8 Page - Extreme Networks.

Part # STK-RPS-1005PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-1005PS Datasheet(HTML) 8 Page - Extreme Networks.

Back Button STK-RPS-1005PS Datasheet HTML 4Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 5Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 6Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 12Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Power
Switch Model
Power Supply Input Socket Power Supply Input Socket Power Supply Cord Gauge
Redundant Power Supply Input
Socket
X440-G2-12t-10GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
Coaxial Barrel Connector
X440-G2-24t-10GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-48t-10GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-12p-10GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-24p-10GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-48p-10GE4
IEC320 C14
IEC320 C13/C14
Min. 16 AWG/1.25 mm2
(100-125VAC),
Min. 18 AWG/.75 mm2
(200-240VAC)
2x9 Terminal Block
X440-G2-24t-10GE4-DC
#6Terminal Block
23
Min.14 AWG/2.0 mm2
2x7 Terminal Block
X440-G2-48t-10GE4-DC
#6Terminal Block
40
Min.14 AWG/2.0 mm2
2x7 Terminal Block
X440-G2-24x-10GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-24fx-GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-12t8fx-GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
X440-G2-24t-GE4
IEC320 C14
IEC320 C13/C14
Min.18 AWG/0.75 mm2
2x7 Terminal Block
PoE Power Budget
Switch Model
Power Supply Input Socket
Redundant Power Supply Input Socket
X440-G2-12p-10GE4
200W
200W – Redundant Power Only
X440-G2-24p-10GE4
380W
380W – Redundant Power Only
X440-G2-48p-10GE4
740W
1440W – Additive Power 740W – Redundant Power
Environmental
Environmental Specifications
• EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage
• EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation
• EN/ETSI 300 019-2-3 v2.1.2 - Class 3.1e Operational
• EN/ETSI 300 753 (1997-10) - Acoustic Noise
• ASTM D3580 Random Vibration Unpackaged 1.5 G
Environmental Compliance
• EU RoHS – 2011/65/EU
• EU WEEE – 2012/19/EU
• China RoHS – SJ/T 11363-2006
• Taiwan RoHS CNS 15663 (2013.7)
Operating Conditions
• Temp: 0°C to 50°C (32°F to 122°F) – all models
• Temp: 0°C to 60°C (32°F to 140°F) – extended temperature
range models only (16539, 16540 and 16541)
• Humidity: 10% to 95% relative humidity, non-condensing
• Altitude: 0 to 3,000 meters (9,842 feet) – All Switch Models
• Shock (half sine): 30 m/s2 (3 G), 11 ms, 6 shocks
• Random vibration: 3 to 500 Hz at 1.5 G rms
Packaging and Storing Specifications
• Temp: -40°C to 70°C (-40°F to 158°F)
• Humidity: 10% to 95% relative humidity, non-condensing
• Packaged Shock (half sine): 180 m/s2 (18 G), 6 ms, 600 shocks
• Packaged Vibration: 5 to 62 Hz at velocity 5 mm/s, 62 to 500 Hz
at 0.2 G
www.extremenetworks.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com