Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-1005PS Datasheet(PDF) 11 Page - Extreme Networks.

Part # STK-RPS-1005PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-1005PS Datasheet(HTML) 11 Page - Extreme Networks.

Back Button STK-RPS-1005PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 12Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 13Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 14Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 15Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RPS-90
STK-RPS-150PS
RPS-150XT
EPS-C2
RPS-500P
STK-RPS-1005PS
12p and 24p
X
X
48p
X
RPS Output
RPS Model
Redundant Power Supply Output
RPS Model
Redundant Power Supply Output
RPS-90
Coaxial Barrel Connector
STK-RPS-150PS
1 terminal block of 2x7 pins provides system power and up to 150W of power
RPS-150XT
1 terminal block of 2x7 pins provides system power and up to 150W of power
EPS-C2
5 terminal blocks of 2x7 pins used for Summit X440-G2 switches
1 terminal block of 2x9 pins used for other Summit switches
RPS-500p
1 terminal block of 2x7 pins provides system power and up to 380W of IEEE 802.3at power
STK-RPS-1005PS
1 terminal block of 2x9 pins provides system power and up to 740W of IEEE 802.3at power
RPS Power Cords
RPS Model
Allowable PSU
Power Cord Input Plug/Socket
Power Cord Gauge
RPS-90
Not Applicable
IEC320 C5/C14
Min.18 AWG/0.75 mm2
STK-RPS-150PS
Not Applicable
IEC320 C13/C14
Min.18 AWG/0.75 mm2
RPS-150XT
Not Applicable
IEC320 C13/C14
Min.18 AWG/0.75 mm2
EPS-C2
Summit 750W PoE AC PSU
IEC320 C13/C14
Min.18 AWG/0.75 mm2
RPS-500p
Not Applicable
IEC320 C13/C14
Min.18 AWG/0.75 mm2
STK-RPS-1005PS
Not Applicable
IEC320 C13/C16
Min. 16 AWG/1.25 mm2 (100-125 VAC),
Min. 18 AWG/.75 mm2 (200-240 VAC)
RPS Dimensions
RPS Model
Weight
Dimensions
RPS-90
0.33 kg (0.73 lb.)
Height: 26.92 mm (1.06 in.)
Width: 132.08 mm (5.20 in.)
Depth: 57.15 mm (2.25 in.)
STK-RPS-150PS
1.75kg (3.85 lb.)
Height:51.82 mm (2.04 in.)
Width: 195.58 mm (7.70 in.)
Depth: 256.54 mm (10.10 in.)
RPS-150XT
1.46 kg (3.22 lb.)
Height: 44.96 mm (1.77 in.)
Width: 154.18 mm (6.07 in.)
Depth: 330.20 mm (13.00 in.)
EPS-C2
1.03 kg (2.27 lb.)
Height: 43.94 mm (1.73 in.)
Width: 441.96 mm (17.40 in.)
Depth: 383.54 mm (15.10 in.)
www.extremenetworks.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com