Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-RPS-1005PS Datasheet(PDF) 12 Page - Extreme Networks.

Part # STK-RPS-1005PS
Description  Scalable Cost-Effective Campus Edge Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

STK-RPS-1005PS Datasheet(HTML) 12 Page - Extreme Networks.

Back Button STK-RPS-1005PS Datasheet HTML 7Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 8Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 9Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 10Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 11Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 12Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 13Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 14Page - Extreme Networks. STK-RPS-1005PS Datasheet HTML 15Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RPS Model
Weight
Dimensions
RPS-500p
3.66 kg (8.06 lb.)
Height: 43.94 mm (1.73 in.)
Width: 441.96 mm (17.40 in.)
Depth: 200.66 mm (7.90 in.)
STK-RPS-1005PS
2.10 kg (4.63 lb.)
Height: 44.96 mm (1.77 in.)
Width: 154.18 mm (6.07 in.)
Depth: 340.11 mm (13.39 in.)
www.extremenetworks.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com