Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032CC1 Datasheet(PDF) 30 Page - Eaton All Rights Reserved.

Part # XTOG032CC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032CC1 Datasheet(HTML) 30 Page - Eaton All Rights Reserved.

Back Button XTOG032CC1 Datasheet HTML 26Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 27Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 28Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 29Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 30Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 31Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 32Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 33Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 34Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Engineering
for North America
Protection of single-phase and DC current motors:
1 pole
2 pole
Mounting position:
ZB12, ZB32, ZB65, ZB150, Z5
ZE
Tripping characteristics
These tripping characteristics are mean values of the spread at 20 °C ambient temperature in a cold state.
They show the tripping times in relation to the response current. When the devices are at operational temperature the tripping time of the overload
relay drops to approx. 25% of the value shown. Specific characteristics for each individual setting range can be found in the manual on
Page 28
2h
100
60
40
20
10
6
4
2
1
40
20
10
6
4
2
1
0.6
ZB12, ZB32,
ZB65, ZE
1 1.5 2 3 4
6 8 10 15 20
x Setting current
2-phase
3-phase
2h
100
60
40
20
10
6
4
2
1
40
20
10
6
4
2
1
0.6
ZB150
6 8 10 15 20
3 4
1 1.5 2
x Setting current
2-phase
3-phase
2 h
100
60
40
20
10
6
4
2
1
40
20
10
6
4
2
1
1 1.5 2 3 4
6 8 10 15 20
0.6
ZW7
x Setting current
Minimum
Maximum
2h
100
60
40
20
10
6
4
2
1
40
20
10
6
4
2
1
0.6
Z5
6 8 10 15 20
3 4
1 1.5 2
x Setting current
2 phase
3 phase
Adaption of ZW7 to smaller rated motor currents
Number of loops
ZW7 -63
-90
-125
-160
-240
-290
-400
-540
-630
Rated motor current IN [A]
1
42-63
60-90
85-125
110-160
160-240
190-290
270-400
360-540
420-630
2
21-31,5
30-45
42.5-62,5
55-80
80-120
95-145
135-200
180-270
210-315
3
14-21
20-30
28.3-41,7
36.7-53,3
53.3-80
63.3-96,7
90-133,3
120-180
140-210
4
10.5-15,8
15-22,5
21.3-31,3
27.5-40
40-60
47.5-72,5
67.5-100
90-135
105-157,5
5
8.4-12,6
12-18
17-25
22-32
32-48
38-58
54-80
72-108
84-126
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
Overload relays
Selection criteria
30
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com