Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032CC1 Datasheet(PDF) 13 Page - Eaton All Rights Reserved.

Part # XTOG032CC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032CC1 Datasheet(HTML) 13 Page - Eaton All Rights Reserved.

Back Button XTOG032CC1 Datasheet HTML 9Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 10Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 11Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 12Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 13Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 14Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 15Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 16Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 17Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Overload relays
Bimetal relays for mini-contactor relays
Ordering
Setting range of
overload
releases
Short-circuit protection
For use with
Auxiliary contact
Circuit symbol
N/O = normally open contact
NC = normally closed contact
Type “1”
coordination
Type “2”
coordination
Ir
gG/gL
A
A
gG/gL
A
ZE overload relays for mini contactor relays
• Phase failure sensitivity to IEC/EN 60947, VDE 0660 Part 102
• Test/off pushbutton
• Reset pushbutton manual/auto
• Trip-free release
• Direct mounting
DILEM
0.1 – 0.16
DIULEM/21/MV
SDAINLEM
20
0.5
20
0.16 – 0.24
1
0.24 – 0.4
2
0.4 – 0.6
2
0.6 – 1
4
1 – 1.6
6
1.6 – 2.4
6
2.4 – 4
10
10
10
10
4 – 6
6 – 9
9 – 12
Information relevant for export to North America
2
4
6
98 96
97 95
1 N/O
1 NC
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
20
1 N/O
1 NC
UL 508; CSA-C22.2 No.14; IEC/EN 60947-4-1; CE marking
E29184
NKCR
12528
3211-03
UL Listed, CSA certified
Branch circuits
600 V AC
IEC: IP20, UL/CSA Type: -
Page 31
Product Standards
UL File No.
UL CCN
CSA File No.
CSA Class No.
NA Certification
Suitable for
Max. Voltage Rating
Degree of Protection
See also
13
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
1.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com