Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032CC1 Datasheet(PDF) 28 Page - Eaton All Rights Reserved.

Part # XTOG032CC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032CC1 Datasheet(HTML) 28 Page - Eaton All Rights Reserved.

Back Button XTOG032CC1 Datasheet HTML 24Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 25Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 26Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 27Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 28Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 29Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 30Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 31Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 32Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Overload relays
Accessories
Ordering
For use with Part no.
Article no.
Price
See price
list
Std. pack
Information relevant for export to
Notes
North America
Documentation
Overload relays
Overload monitoring of
EEx e motors
ZE…
AWB2300-1425D
258704
1 off
German
1 off
1 off
ZB12…
ZB32…
AWB2300-1527D/GB
284910
German/English
ZB65…
ZB150…
AWB2300-1545D/GB
102065
German/English
Bases
For separate mounting
ZB32
ZB32-XEZ
278473
5 off
Can be snap fitted on a
top-hat rail to IEC/EN 60715
or can be screw fitted.
For ZB32-38, use
BK25/3-PKZ0 additionally.
ZB65
ZB65-XEZ
278474
2 off
Pushbuttons
For enclosed
Overload relay
Mounting diameter: 22.3 mm
External reset button, IP65
ZW7...
ZE
Z5
ZB12
ZB32
ZB65
ZB150
M22-DZ-B
254833
10 off
Button plate, blue
ZW7...
ZE
Z5
ZB12
ZB32
ZB65
ZB150
M22-DZ-B-GB14
254834
10 off
Button plate, blue RESET
Off button, IP65
ZW7...
ZE
Z5
ZB12
ZB32
ZB65
ZB150
M22-DZ-X
254835
10 off
Without button plate,
add button plate.
Button plates
M22-DZ-X
M22-XD-R
216423
10 off
Button plate, red
UL/CSA certification not required
M22-DZ-X
M22-XD-R-X0
218153
Red button plate with white
circle
M22-DZ-X
M22-XD-R-GB0
218194
Button plate red STOP
ZB, Z5, ZW7
UL 508; CSA-C22.2 No.14;
IEC/EN 60947-4-1; CE marking
E29184
NKCR
12528
3211-03
UL Listed, CSA certified
600 V AC
IEC: IP00, UL/CSA Type: -
Product Standards
UL File No.
UL CCN
CSA File No.
CSA Class No.
NA Certification
Max. Voltage Rating
Degree of Protection
UL 508; CSA-C22.2 No.14;
IEC/EN 60947-4-1; CE marking
E29184
NKCR
12528
3211-03
UL Listed, CSA certified
Product Standards
UL File No.
UL CCN
CSA File No.
CSA Class No.
NA Certification
UL 508; CSA-C22.2 No.14;
IEC/EN 60947-4-1; CE
marking
E29184
NKCR
12528
3211-03
UL Listed, CSA certified
Product Standards
UL File No.
UL CCN
CSA File No.
CSA Class No.
NA Certification
Pushbuttons
For enclosed
Overload relay
Mounting diameter: 22.3 mm
Pushbuttons
For enclosed
Overload relay
Mounting diameter: 22.3 mm
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
28
1
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com