Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTOG032CC1 Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # XTOG032CC1
Description  Thermal overload relays XTOD/XTOG
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

XTOG032CC1 Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

Back Button XTOG032CC1 Datasheet HTML 4Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 5Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 6Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 7Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 8Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 9Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 10Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 11Page - Eaton All Rights Reserved. XTOG032CC1 Datasheet HTML 12Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
Overload relay
Technical overview
Bimetal relay ZE, ZB, Z5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Overload relay ZW7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electronic overload relays ZEB . . . . . . . . . . . . . . . . . . . . . . . .
EMT6 thermistor overload relay for machine protection . . . .
Ordering
Bimetal relays for mini-contactor relays . . . . . . . . . . . . . . . . .
Bimetal relays up to 150A . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bimetal relay greater than 150 A . . . . . . . . . . . . . . . . . . . . . .
Overload relays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bimetal relay accessories . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ZEB Electronic overload relay . . . . . . . . . . . . . . . . . . . . . . . . .
Ordering
EMT6 thermistor overload relay for machine protection . . . .
Engineering
EMT6 thermistor overload relay for machine protection . . . .
Selection criteria ZE, ZB, Z5, ZW7 . . . . . . . . . . . . . . . . . . . . .
Characteristic curve ZB, Z5, ZW7 . . . . . . . . . . . . . . . . . . . . . .
UL/CSA short-circuit strength ZE, ZB, Z5 . . . . . . . . . . . . . . . .
Technical data
Bimetal relay for mini-contactor relays . . . . . . . . . . . . . . . . . .
Bimetal relays up to 150A . . . . . . . . . . . . . . . . . . . . . . . . . . .
Overload relays greater than 150 A . . . . . . . . . . . . . . . . . . . .
Overload relays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ZEB electronic overload relay . . . . . . . . . . . . . . . . . . . . . . . . .
EMT6 thermistor overload relay for machine protection . . . .
Dimensions
Bimetal relays for mini-contactor relays . . . . . . . . . . . . . . . . .
Bimetal relays up to 150A . . . . . . . . . . . . . . . . . . . . . . . . . . .
Bimetal relays greater than 150 A . . . . . . . . . . . . . . . . . . . . .
Overload relay . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ZEB electronic overload relay . . . . . . . . . . . . . . . . . . . . . . . . .
EMT6 thermistor overload relay for machine protection . . . .
9
9
11
11
13
15
19
19
28
31
26
27
30
30
31
32
32
33
33
35
36
37
37
39
39
40
42
AUTOMATION AND CONTROL
www.eaton.com/seasia-electrical
Overload relays
Contents
8
1
1
1.2
Contents
Description
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com