Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255F Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32MP255F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255F Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32MP255F Datasheet HTML 98Page - STMicroelectronics STM32MP255F Datasheet HTML 99Page - STMicroelectronics STM32MP255F Datasheet HTML 100Page - STMicroelectronics STM32MP255F Datasheet HTML 101Page - STMicroelectronics STM32MP255F Datasheet HTML 102Page - STMicroelectronics STM32MP255F Datasheet HTML 103Page - STMicroelectronics STM32MP255F Datasheet HTML 104Page - STMicroelectronics STM32MP255F Datasheet HTML 105Page - STMicroelectronics STM32MP255F Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 241 page
background image
Caution:
Each power supply pair (VDD/VSS, VDDCORE/VSS, VDDA/VSSA ...) must be decoupled with filtering ceramic
capacitors. These capacitors must be placed as close as possible to, or below, the appropriate pins on the
underside of the PCB to ensure good operation of the device. It is not recommended to remove filtering
capacitors to reduce PCB size or cost. This might cause incorrect operation of the device.
The number of needed capacitances and their values are provided in AN5489 "Getting started with STM32MP25x
lines hardware development" available from the ST website www.st.com.
6.1.7
Current consumption measurement
Figure 13. Current consumption measurement scheme
VDD
VDDIO1
VDDIO2
VDDIO3
VDDIO4
IDD
VDDGPU
IDDGPU
VDDCPU
IDDCPU
VDDCORE
VDDCSI
VDDDSI
VDDLVDS
VDDCOMBOPHY
VDDCOMBOPHYTX
VDDPCIECLK
IDDCORE
VDDA18AON
IDDA18AON
IDDA18
VDDA18PLL1
VDDA18PLL2
VDDA18PLL3
VDDA18DDR
VDDA18DSI
VDDA18CSI
VDDA18LVDS
VDDA18COMBOPHY
VDDA18USB
VDD33USB
VDD33UCPD
IDD33USB
IDDA18ADC
VDDA18ADC
IBAT
VBAT
VSS VSSAVSSAON
VDDA18
VDDCORE
VDDCPU
VDDGPU
VDD
VDDA18AON
VDD33USB
VDDA18ADC
VBAT
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 14. Voltage characteristics, Table 15. Current
characteristics, and Table 16. Thermal characteristics may cause permanent damage to the device. These are
stress ratings only and the functional operation of the device at these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability. Device mission profile (application
conditions) is compliant with JEDEC JESD47 qualification standard, extended mission profiles are available on
demand.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 102/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com