Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255F Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32MP255F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255F Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32MP255F Datasheet HTML 97Page - STMicroelectronics STM32MP255F Datasheet HTML 98Page - STMicroelectronics STM32MP255F Datasheet HTML 99Page - STMicroelectronics STM32MP255F Datasheet HTML 100Page - STMicroelectronics STM32MP255F Datasheet HTML 101Page - STMicroelectronics STM32MP255F Datasheet HTML 102Page - STMicroelectronics STM32MP255F Datasheet HTML 103Page - STMicroelectronics STM32MP255F Datasheet HTML 104Page - STMicroelectronics STM32MP255F Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 241 page
background image
6.1.6
Power supply scheme
Figure 12. Power supply scheme
PD[11:0]
(OCTOSPIM IOs)
(port1)
PB[11:0]
(port2)
VDDCORE (D2) domain
VSW / Backup
domain
VDDGPU domain
D3 domain
VDDCPU (D1)
domain
VDD / Retention domain
Analog domain
CPU2, peripherals, RAM,
EXTI1, System logic
Power switch
VDDCORE
VSS
VBAT
VDDA18ADC
VREF+
VSSA
VDD
Backup
RAM
VSS
VREFBUF
VSS
IO
logic
VREF-
VDDA18AON
CPU1
VDDCPU
OTP, HSE, HSI
PE[15:6]
(SDMMC2
IOs)
PE[5:0]
(SDMMC1
IOs)
RETRAM
LPSRAM1
Backup
regulator
WKUP, IWDG1-4, BSEC,
RIFSC, RESETs
VDD
VDDA18PLLx
PLLs
GPU
UCPD
PHY
VSS
VSS
VSS
USB/PCIE
COMBOPHY
VSS
LVDS
PHY
DSI
PHY
CSI
PHY
VSS
VSS
VSS
USB
HS PHY
VDDGPU
DDR
PHY
BKUP,
D3 IOs
IOports
IOports
VDD
IOs
IOports
ADCs
VREF-
VREF+
CPU3, peripherals,
LPSRAM2/3,
EXTI2, MSI
LSE, LSI, RTC, AWU,
Tamper, backup
registers, IWDG5
IO
logic
VDD
IOs
IO
logic
VSS
VSS
VSS
V08CAP
IOports
VSS
VDDA18AON
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 101/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com