Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255F Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32MP255F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32MP255F Datasheet HTML 34Page - STMicroelectronics STM32MP255F Datasheet HTML 35Page - STMicroelectronics STM32MP255F Datasheet HTML 36Page - STMicroelectronics STM32MP255F Datasheet HTML 37Page - STMicroelectronics STM32MP255F Datasheet HTML 38Page - STMicroelectronics STM32MP255F Datasheet HTML 39Page - STMicroelectronics STM32MP255F Datasheet HTML 40Page - STMicroelectronics STM32MP255F Datasheet HTML 41Page - STMicroelectronics STM32MP255F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 241 page
background image
•
Programmable clock source
3.48.8
Cortex-A35 generic timers (CNT)
The Cortex-A35 generic timers are fed by value from system timing generation (STGEN). The Cortex-A35
processor provides a set of four timers for each processor:
•
Physical timer for use in secure and non-secure modes. The registers for the physical timer are banked to
provide secure and non-secure copies.
•
Virtual timer for use in non-secure mode
•
Physical timer for use in hypervisor mode
These generic timers are not memory-mapped peripherals: they are accessible only by specific Cortex-A35
coprocessor instructions (cp15).
3.49
System timer generation (STGEN)
The STGEN generates a time-count value that provides a consistent view of time for all Cortex-A35 generic
timers.
•
64-bit wide to avoid roll-over issues
•
Starts from zero or a programmable value
•
control APB interface (STGENC) that enables the timer to be saved and restored across power
‑down
events
•
Read-only APB interface (STGENR) that enables the timer value to be read by nonsecure software and
debug tools
•
timer value incrementing that can be stopped during system debug
3.50
Real-time clock (RTC)
The RTC provides an automatic wake-up to manage all low-power modes. It is an independent BCD timer/counter
that provides a time-of-day clock/calendar with programmable alarm interrupts.
The RTC includes also a periodic programmable wake-up flag with interrupt capability.
After backup domain reset, all RTC registers are protected against possible parasitic write accesses.
As long as the supply voltage remains in the operating range, the RTC never stops, regardless of the device
status (Run mode, low-power mode, or under reset).
•
Calendar with subseconds, seconds, minutes, hours (12 or 24 format), day (day of week), date (day of
month), month, and year
•
Daylight saving compensation programmable by software
•
Programmable alarm with interrupt function. The alarm can be triggered by any combination of the
calendar fields.
•
Automatic wake-up unit that generates a periodic flag that triggers an automatic wake
‑up interrupt
•
Reference clock detection: a more precise second source clock (50 or 60 Hz) can be used to enhance the
calendar precision.
•
Accurate synchronization with an external clock using the subsecond shift feature
•
Digital calibration circuit (periodic counter correction): 0.95 ppm accuracy, obtained in a calibration window
of several seconds
•
Timestamp function for event saving
•
Maskable interrupts/events:
–
Alarm A
–
Alarm B
–
Wake-up interrupt
–
Timestamp
•
TrustZone support:
–
RTC fully securable
–
Alarm A, alarm B, wake-up timer and timestamp individual secure or non-secure configuration
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 38/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com