Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255F Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32MP255F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32MP255F Datasheet HTML 38Page - STMicroelectronics STM32MP255F Datasheet HTML 39Page - STMicroelectronics STM32MP255F Datasheet HTML 40Page - STMicroelectronics STM32MP255F Datasheet HTML 41Page - STMicroelectronics STM32MP255F Datasheet HTML 42Page - STMicroelectronics STM32MP255F Datasheet HTML 43Page - STMicroelectronics STM32MP255F Datasheet HTML 44Page - STMicroelectronics STM32MP255F Datasheet HTML 45Page - STMicroelectronics STM32MP255F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 241 page
background image
The LPUART has a clock domain independent from the CPU clock, and can wake up the system from Stop mode.
The wake-up from Stop mode is programmable, and can be done on one of the following:
•
a start bit detection
•
any received data frame
•
a specific programmed data frame
•
specific TXFIFO/RXFIFO status when FIFO mode is enabled
Even in Stop mode, the LPUART can wait for an incoming frame while having an extremely low-energy
consumption.
The LPUART interface can be served by the LPDMA controller.
3.56
Serial peripheral interface (SPI1/2/3/4/5/6/7/8) inter-integrated sound interfaces
(I2S1/2/3)
The devices feature up to eight SPIs that allow communication at up to 50 Mbit/s in master and slave modes, in
half-duplex, full-duplex, and simplex modes. The 3-bit prescaler gives eight master mode frequencies, and the
frame is configurable from 4 to 16 bits.
All SPI interfaces support NSS pulse mode, TI mode, hardware CRC calculation, and eight 8-bit embedded Rx
and Tx FIFOs with DMA capability.
The standard I2S interfaces (multiplexed with SPI1, SPI2 and SPI3) can be operated in master or slave mode, in
full-duplex and half-duplex communication modes. They can be configured to operate with a 16-/32-bit resolution
as an input or output channel.
Audio sampling frequencies from 8 kHz up to 192 kHz are supported. When either or both I2S interfaces is/are
configured in master mode, the master clock can be output to the external DAC/CODEC at 256 times the
sampling frequency. All I2S interfaces support 16x 8bit embedded Rx and Tx FIFOs with DMA capability.
3.57
Serial audio interfaces (SAI1/2/3/4)
The devices embed four SAIs that are used to design many stereo or mono audio protocols such as I2S, LSB or
MSB-justified, PCM/DSP, TDM, or AC’97. An SPDIF output is available when the audio block is configured as a
transmitter. To bring this level of flexibility and reconfigurability, the SAI contains two independent audio
subblocks. Each block has it own clock generator and I/O line controller.
Audio sampling frequencies up to 192 kHz are supported.
Up to eight microphones can be supported thanks to an embedded PDM interface.
The SAI can work in master or slave configuration. The audio subblocks can be either receiver or transmitter, and
can work synchronously or asynchronously (with respect to the other one). The SAI can be connected with other
SAIs to work synchronously.
3.58
SPDIF receiver interface (SPDIFRX)
The SPDIFRX is designed to receive an S/PDIF flow compliant with IEC-60958 and IEC61937. These standards
support simple stereo streams up to high sample rate, and compressed multi-channel surround sound, such as
those defined by Dolby® or DTS® (up to 5.1).
•
Up to 4 inputs available
•
Automatic symbol rate detection
•
Maximum symbol rate: 12.288 MHz
•
Stereo stream from 32 to 192 kHz supported
•
Supports audio IEC-60958 and IEC-61937, consumer applications
•
Parity bit management
•
Communication using DMA for audio samples
•
Communication using DMA for control and user channel information
•
Interrupt capabilities
The SPDIFRX receiver provides all necessary features to detect the symbol rate, and to decode the incoming
data stream. The user can select the wanted SPDIF input, and when a valid signal is available, the SPDIFRX
re
‑samples the incoming signal, decodes the Manchester stream, and recognizes frames, sub-frames, and blocks
elements. It delivers to the CPU decoded data, and associated status flags.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 42/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com