Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255F Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32MP255F
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32MP255F Datasheet HTML 16Page - STMicroelectronics STM32MP255F Datasheet HTML 17Page - STMicroelectronics STM32MP255F Datasheet HTML 18Page - STMicroelectronics STM32MP255F Datasheet HTML 19Page - STMicroelectronics STM32MP255F Datasheet HTML 20Page - STMicroelectronics STM32MP255F Datasheet HTML 21Page - STMicroelectronics STM32MP255F Datasheet HTML 22Page - STMicroelectronics STM32MP255F Datasheet HTML 23Page - STMicroelectronics STM32MP255F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 241 page
background image
•
VDDQDDR DDR I/O supply
•
VDDA18ADC analog power supply input for ADCs and voltage reference buffers, independent from any other
supply
•
VREF+ external reference voltage for ADCs, independent from any other supply
–
reference voltage output when the voltage reference buffer is enabled
–
independent external reference voltage input when the voltage reference buffer is disabled
•
VSSA separate analog and reference voltage ground
•
VDD33USB supply input for USB HS PHY, independent from any other supply
•
VDD33UCPD supply input for USB Type-C CC1 and CC2 pins, independent from any other supply
•
VDDIO3 supply input, mostly for OCTOSPIM_P1 I/Os, independent from any other supply
•
VDDIO4 supply input, mostly for OCTOSPIM_P2 I/Os, independent from any other supply
•
VDDIO2 supply input, mostly for e.MMC I/Os, independent from any other supply
•
VDDIO1 supply input, mostly for SD Card I/Os, independent from any other supply
•
VSS common ground for all supplies except for analog
3.9.2
Power-supply supervisor
The devices have an integrated power-on reset (POR) and power-down reset (PDR) circuitry, coupled with a
brownout reset (BOR) circuitry:
•
Power-on reset (POR)
The POR supervisor monitors VDD and VDDA18AON power supplies, and compares them to a fixed
threshold. The devices remain in reset mode when VDD and VDDA18AON are below this threshold.
•
Power-down reset (PDR)
The PDR supervisor monitors VDD and VDDA18AON power supplies. A reset is generated when VDD or
VDDA18AON drops below a fixed threshold.
•
Brownout reset (BOR)
The BOR supervisor monitors VDD power supply. A 2.7 V BOR thresholds can be enabled through option
bytes. A reset is generated when VDD drops below this threshold. The BOR must not be enabled when
VDD = 1.8 V typ. is used.
•
Power-on reset VDDCORE (POR_VDDCORE)
The POR_VDDCORE supervisor monitors VDDCORE power supply, and compares it to a fixed threshold.
The VDDCORE domain remains in reset mode when VDDCORE is below this threshold,
•
Power-down reset VDDCORE (PDR_VDDCORE)
The PDR_VDDCORE supervisor monitors VDDCORE power supply. A VDDCORE domain reset is generated
when VDDCORE drops below a fixed threshold.
•
Power-on reset VDDCPU (POR_VDDCPU)
The POR_VDDCPU supervisor monitors VDDCPU power supply, and compares it to a fixed threshold. The
VDDCPU domain remains in reset mode when VDDCPU is below this threshold.
•
Power-down reset VDDCPU (PDR_VDDCPU)
The PDR_VDDCPU supervisor monitors VDDCPU power supply. A VDDCPU domain reset is generated when
VDDCPU drops below a fixed threshold.
•
Power-on reset VSW (POR_VSW)
The POR_VSW supervisor monitors VSW power supply, and compares it to a fixed threshold. The VSW
domain remains in reset mode when VSW is below this threshold.
The devices also include monitoring which can generate tamper events, interrupt, or wake-up:
•
Programmable voltage detector (PVD)
The PVD monitors the PVD_IN pin, and compares it to a fixed threshold. An interrupt or a wake-up can be
generated when PVD_IN is below or above the threshold.
•
VDDCORE monitoring
Monitors VDDCORE power supply and compares it to a fixed threshold. A tamper event, an interrupt, or a
wake-up can be generated when VDDCORE is below or above the threshold.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 20/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com