Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K Datasheet(PDF) 54 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 50Page - OSRAM GmbH CSG14K Datasheet HTML 51Page - OSRAM GmbH CSG14K Datasheet HTML 52Page - OSRAM GmbH CSG14K Datasheet HTML 53Page - OSRAM GmbH CSG14K Datasheet HTML 54Page - OSRAM GmbH CSG14K Datasheet HTML 55Page - OSRAM GmbH CSG14K Datasheet HTML 56Page - OSRAM GmbH CSG14K Datasheet HTML 57Page - OSRAM GmbH CSG14K Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 53
Figure 56:
CTR_OUT Channel Bits Timing
Some notes concerning the figure:
●
EXP_L and EXP_S indicate the actual exposure time (so taking shutter lag and
exposure overlap into account)
●
The READOUT phase of the sensor (as used in section 7.2.6) is more than only FVAL.
There is some overhead time between the end of GLOB and the start of FVAL.
●
Two DVAL periods are separated by an overhead time (OT). The length of this
overhead time depends on the channel multiplexing and row time settings, but will be at
least 1 word.
●
The OB data of a row of pixels appears on OB_OUT about one row time before the
valid pixel data of the same row appears on DATAx_OUT. The exact timing is evident
on the control channel. This allows external grabbing and evaluation of the OB data
before the pixels of the same row are being read. This way, corrections can be done
without the need for an additional row buffer.
●
Image statistics data is always sent via DATA0_OUT and is framed with the SVAL bit.
Information
The sensor can be operated without using the control channel. The presence of the
inverted training word on each of the LVDS output channels allows to recognize the start of
data transmission. The advantage is reduced complexity and possible power savings by
disabling the CTRL channel LVDS output, also see section 7.6.1. For more details, an
application note is available.
REQ_EXP
CTR_OUT(DVAL)
REQ_FRAME
CTR_OUT(FVAL)
CTR_OUT(SVAL)
CTR_OUT(OBVAL)
CTR_OUT(EXP_L)
CTR_OUT(EXP_S)
CTR_OUT(GLOB)
shutter lag
shutter lag
exposure
overlap
OB_OUT
DATA0_OUT
DATAn_OUT
R0
R1
R2
R0
R1
R2
R0
R1
R2
S0
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com