| Electronic Components Datasheet Search |
|
CSG14K Datasheet(PDF) 29 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Datasheet(HTML) 29 Page - OSRAM GmbH |
|
29 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 28 SPI Write All data bits on SPI_MOSI are sampled by the sensor on the rising edge of SPI_CLK. The chip-select signal, SPI_CSN, shall be low at least ½ of an SPI_CLK period before the first data bit is sampled. SPI_CSN shall remain low for at least ½ of an SPI_CLK period after the last falling edge of SPI_CLK. The first bit transferred is a control bit indicating a write operation (‘1’). Both the subsequent address (A<6:0>) and data (D<7:0>) are sent MSB-first. When writing multiple sequential registers (e.g. 100, 101, 102 ...), the write burst mode can be used. The address is that of the first register to be written to and the sequencer will automatically shift to the next register after 8 data bits. SPI_CSN shall stay low the entire time. The actual register value is updated with the new value on the falling edge of SPI_CLK on every D[0] bit. I.e. SPI_CLK shall go low at the end of D[0] for the write sequence to be completed. The timing of both write modes is illustrated below. Figure 22: SPI Write Timing SPI Read The timing of the SPI read sequence is similar to the SPI write sequence. The main differences are the control bit and the use of SPI_MISO. An SPI read is indicated by setting the control bit to ‘0’. After the control bit, the address of the register to read shall be transmitted MSB first. At the end of the LSB of the address, the data is launched on the SPI_MISO pin on the falling edge of the SPI_CLK. This means that the data can be sampled by the SPI master on the rising edge of the SPI_CLK. The data D<7:0> is transmitted MSB first on SPI_MISO. When not transmitting data, the SPI_MISO output is in high-Z state. Sequential SPI register addresses can also be read out in burst mode by keeping SPI_CSN low and clocking out additional bytes. The timing of both read modes is illustrated below. C= ’1' A[6] A[5] A[4] A[3] A[2] A[1] A[0] D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0] ctrl address data (N) Hi-Z Internal reg updated D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0] data (N+1) Internal reg updated C= ’1' A[6] A[5] A[4] A[3] A[2] A[1] A[0] D[7] D[6] D[5] D[4] D[3] D[2] D[1] D[0] ctrl address data Hi-Z Internal reg updated Tspi SPI_CLK SPI_CSN SPI_MOSI SPI_MISO SPI_CLK SPI_CSN SPI_MOSI SPI_MISO ½ Tspi ½ Tspi |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |