Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K Datasheet(PDF) 94 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 94 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 90Page - OSRAM GmbH CSG14K Datasheet HTML 91Page - OSRAM GmbH CSG14K Datasheet HTML 92Page - OSRAM GmbH CSG14K Datasheet HTML 93Page - OSRAM GmbH CSG14K Datasheet HTML 94Page - OSRAM GmbH CSG14K Datasheet HTML 95Page - OSRAM GmbH CSG14K Datasheet HTML 96Page - OSRAM GmbH CSG14K Datasheet HTML 97Page - OSRAM GmbH CSG14K Datasheet HTML 98Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 93
Figure 118:
Timing Histogram Data
Every element of the histogram data is split into two consecutive output words (length set by
OUTP_BITMODE). The LSBs are always placed in the first of these two words of the
element. The various elements are listed in the table below.
Figure 119:
Histogram Elements
Element #
Name
Description
0
All-1
Start of sequence marker
1
ID
Histogram ID:
0 = All color channels
1 = Pixels of even rows, even columns
2 = Pixels of even rows, odd columns
3 = Pixels of odd rows, even columns
4 = Pixels of odd rows, odd columns
2
C0
Bin containing the pixels that are 0
3-34
B0-B31
32 equally sized histogram bins spread over the entire output range
35
C31
Bin containing the pixels that have the maximum value in the active bit
mode (defined by DPATH_BITMODE)
All pixels in bin C0 are also part of bin B0. In the same way, all pixels in bin C31 are part of
bin B31.
Not all pixels are included in the statistics gathering, although the selected pixels are evenly
distributed over the image. The spatial distribution is configured by setting STAT_FREQ. The
best distribution is achieved when it is set to 8.
The total amount of pixels included in the histogram depends on a number of readout
settings, therefore the histogram bins must be compared in a relative way.
ERRATUM: The last word of bin C31 is not transmitted off-chip. The amount of data words
per histogram is 71, instead of 72 as indicated in Figure 15. As a result, bin C31 is not usable
and should be discarded by the user.
SVAL
DATA0_OUT
all-1
TP
TP
ID
C0
1 output
word
B0
B1
Bx
B31
C31
TP
TP
72 output words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com