Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSG14K Datasheet(PDF) 59 Page - OSRAM GmbH

Part # CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Datasheet(HTML) 59 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 55Page - OSRAM GmbH CSG14K Datasheet HTML 56Page - OSRAM GmbH CSG14K Datasheet HTML 57Page - OSRAM GmbH CSG14K Datasheet HTML 58Page - OSRAM GmbH CSG14K Datasheet HTML 59Page - OSRAM GmbH CSG14K Datasheet HTML 60Page - OSRAM GmbH CSG14K Datasheet HTML 61Page - OSRAM GmbH CSG14K Datasheet HTML 62Page - OSRAM GmbH CSG14K Datasheet HTML 63Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 58
The binning mode still supports all ROI configurations, although some things have to be taken
into account:
●
YWINi.SIZE refers to the number of physical rows in the array that are accessed. The
number of binned rows at the output is half of this number.
●
The XSUBS setting should be increased by 1 compared to the default 12-bit mode.
This is not needed for YWINi.SUBS settings.
Image Mode Dependent Parameters
A number of timing related parameters are dependent on the selected image mode. The table
below details these parameters, for each image mode. Additional information on maximum
framerate, minimum and maximum exposure time per image mode is listed in Figure 8.
Figure 62:
Image Mode Dependent Parameters
Image Mode
ROW_LENGTHmin
GLOB_BASE
GLOB_LENGTH
PTR_EXP_0
(no shutter lag)
IMG.1
492
496
90
113
IMG.2
492
496
30
NA
IMG.3
492
96
120
112
IMG.4
492
500
90
118
IMG.5
492
500
30
NA
IMG.7
922
500
86
113
Information
The information in the section above needs to be aligned with the sensor configuration as
provided in the common upload file. Make sure to check the latest version of datasheet
and common upload files on the ams.com product page under Tools & Resources.
7.4.2
Functional Operation Modes
In addition to the previously defined image mode, implementing an optimized sensor readout
performance, the functional behavior of the sensor can be further modified in different
operation modes, listed per category in the table below, allowing for a large number of
possible combinations.
Figure 63:
Operation Modes
Modes
Description
Data Multiplexing Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com