Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RK552B-TR Datasheet(PDF) 20 Page - RICOH electronics devices division

Part # RN5RK552B-TR
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK552B-TR Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button RN5RK552B-TR Datasheet HTML 14Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 15Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 16Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 17Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 18Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 19Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 20Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 21Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 22Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
RN5RKxx1A/xx1B/xx2A
20
4)
Start-up/Hold-on Voltage vs. Output Current (Topt=25°C)
RN5RK302A
RN5RK502A
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Output Current IOUT(mA)
0
200
150
100
50
L=27
µH
V
hold
V
start
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.4
0.2
0.6
0.0
Output Current IOUT(mA)
0
200
150
100
50
L=27
µH
Vstart,Vhold
5)
Output Voltage vs. Temperature
RN5RK302A
RN5RK502A
3.10
3.00
2.90
3.05
2.95
2.85
2.80
Temperature Topt( )
-50
-25
100
75
025
50
VIN=1.2V,L=27
µH
IOUT=0mA
IOUT=50mA
IOUT=100mA
5.10
5.00
5.05
4.95
4.90
Temperature Topt( )
-50
-25
100
75
025
50
VIN=3.0V,L=27
µH
IOUT=0mA
IOUT=50mA
IOUT=100mA
6)
EXT “H” Output Current vs. Temperature
RN5RK302A
RN5RK502A
10
9
8
7
6
5
4
0
3
2
1
Temperature Topt( )
-50
-25
100
75
025
50
10
9
8
7
6
5
4
0
3
2
1
Temperature Topt( )
-50
-25
100
75
025
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com