Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RK552B-TR Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RN5RK552B-TR
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK552B-TR Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RN5RK552B-TR Datasheet HTML 9Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 10Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 11Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 12Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 13Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 14Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 15Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 16Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RN5RKxx1A/xx1B/xx2A
13
RN5RK501A
RN5RK501A
100
90
80
70
60
50
40
Output Current IOUT(mA)
0
50
100
150
200
L=100
µH
1.5V
2.0V
3.0V
4.0V
VIN=0.9V
100
90
80
70
60
50
40
Output Current IOUT(mA)
0
50
100
150
200
L=220
µH
1.5V
2.0V
3.0V
4.0V
VIN=0.9V
RN5RK501B
RN5RK501B
100
90
80
70
60
50
40
Output Current IOUT(mA)
0
50
100
150
200
L=100
µH
2.0V
2.5V
VIN=1.5V
4.0V
3.0V
100
90
80
70
60
50
40
Output Current IOUT(mA)
0
50
100
150
200
L=220
µH
2.0V
2.5V
VIN=1.5V
4.0V
3.0V
3)
Ripple Voltage vs. Output Current (Topt=25°C)
RN5RK301A
RN5RK301A
140
120
100
80
60
40
20
0
Output Current IOUT(mA)
0
20
40
60
160
140
80
100 120
L=100
µH
1.5V
2.0V
VIN=0.9V
1.0V
1.3V
160
140
120
100
80
60
40
20
0
Output Current IOUT(mA)
040
20
80
60
100
160
140
120
L=220
µH
2.0V
VIN=0.9V
1.0V
1.3V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com