Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RK552B-TR Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RN5RK552B-TR
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK552B-TR Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RN5RK552B-TR Datasheet HTML 4Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 5Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 6Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 7Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 8Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 9Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 10Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 11Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RN5RKxx1A/xx1B/xx2A
8
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
,(;7+
(;7´+µ2XWSXW9ROWDJH
9≤9287≤9
9(;7 92879

P$
,(;7+
(;7´/µ2XWSXW9ROWDJH
9≤9287≤9 9(;7 9

P$
,(;7+
(;7´/µ2XWSXW9ROWDJH
9≤9287≤9 9(;7 9

P$
,(;7+
(;7´/µ2XWSXW9ROWDJH
9≤9287≤9 9(;7 9

P$
*1)
Condition: An Output load resistor RL is connected between VOUT and GND.
Note that the resistor RL has a resistance which makes an output current 1mA after step-up operation.
*2)
The Supply Current 1 (IDD1) for IC itself is measured when the internal oscillator works continuously.
If the oscillator works intermittently, the supply current becomes smaller than the value which is written
on the above table. Measurement condition: VOUT=VCE=Setting Output Voltage
×0.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com