Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RK552B-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RN5RK552B-TR
Description  SOT-23-5 VFM STEP-UP DC/DC CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RK552B-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RN5RK552B-TR Datasheet HTML 3Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 4Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 5Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 6Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 7Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 8Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 9Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 10Page - RICOH electronics devices division RN5RK552B-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RN5RKxx1A/xx1B/xx2A
7
• RN5RKxx2A
7RSW ƒ&
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
9287
2XWSXW9ROWDJH
9,1 VHW9287×,287 P$
×
×
9
9,1
,QSXW9ROWDJH

9
∆VOUT∆Topt
Output Voltage Temperature
Coefficient
ƒ&≤7RSW≤ƒ&
“
SSPƒ&
9VWDUW
6WDUW8S9ROWDJH
9,1 9→9 


9
∆Vstart/∆Topt
Start-Up Voltage Temperature
Coefficient
-40°C
≤Topt≤85°C
VIN=0V
→2V 

P9ƒ&
,''
6XSSO\&XUUHQW
9287 9&( VHW9287 9


—$
,VWDQE\
6WDQGE\&XUUHQW
9287 9 9&( 9

—$

RVF
0D[LPXP2VFLOODWRU)UH
TXHQF\
9287 9&( VHW9287×



N+]
∆1RVF∆Topt
)UHTXHQF\7HPSHUDWXUH&R
HIILFLHQW
ƒ&≤7RSW≤ƒ&

N+]ƒ&
'XW\
2VFLOODWRU'XW\&\FOH
9287 9&( VHW9287×
219(;7 ´+µVLGH



9&(+
&(´+µ,QSXW9ROWDJH
9287 9&( VHW9287×
-XGJPHQWLVPDGH E\ WKH (;7
ZDYHIRUP

9
9&(/
&(´/µ,QSXW9ROWDJH
9287 9&( VHW9287×
-XGJPHQWLVPDGH E\ WKH (;7
ZDYHIRUP

9
,&(+
&(´+µ,QSXW&XUUHQW
9287 9 9&( 9



—$
,&(/
&(´/µ,QSXW&XUUHQW
9287 9 9&( 9



—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,''
6XSSO\&XUUHQW
9≤9287≤9 (;7QRORDG 


—$
,(;7+
(;7´+µ2XWSXW9ROWDJH
9≤9287≤9
9(;7 92879

P$
,(;7+
(;7´+µ2XWSXW9ROWDJH
9≤9287≤9
9(;7 92879

P$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com