Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGL620R Datasheet(PDF) 29 Page - Cooper Bussmann, Inc.

Part # IGL620R
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IGL620R Datasheet(HTML) 29 Page - Cooper Bussmann, Inc.

Back Button IGL620R Datasheet HTML 25Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 26Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 27Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 28Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 29Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 30Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 31Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 32Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 33Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
E-22
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial Specification
Grade Hart-Lock®
Locking Devices
30A 3 Pole, 4 Wire Grounding
Industrial Specification Grade Plugs and Connectors
FEATURES
■
Nylon construction.
■
Back wire Dead-Front design.
■
Neoprene gasket seals cord hole from dust
and debris.
■
Inserts included for three separate cord
grip ranges.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with
tapered channel for easy insertion of wires.
■
Clear cover over wiring compartments
allow easy inspection of wiring
terminations.
■
Combination head screws standard –
slot/Phillips in the U.S.
■
Add -C to catalog number for Canadian
screws – slot/Robertson head combination.
Industrial Specification Grade Locking Plugs and Connectors
Rating
Description/
Catalog No.
AV/AC
NEMA
Cord Diameter
Color
Plug
Connector
30
120V 3Ø
FSL3-30
Standard: 0.347"-1.15"
Black
FSL330P*
FSL330C*
400Hz
(11.9mm-29.5mm)
& White
30
125/250 L14-30
Standard: 0.63"-1.16"
Black
CWL1430P
CWL1430C
(15.9mm-29.4mm)
& White
Standard: 0.63"-1.16"
Black
6512BK
6514BK
(15.9mm-29.4mm)
Corrosion Resistant:
Yellow
CRL1430P
CRL1430C
0.63"-1.16"
(15.9mm-29.4mm)
30
250V 3Ø
L15-30
Standard: 0.63"-1.16"
Black
CWL1530P
CWL1530C
(15.9mm-29.4mm)
& White
Corrosion Resistant:
Yellow
CRL1530P
CRL1530C
0.63"-1.16"
(15.9mm-29.4mm)
30
480V 3Ø
L16-30
Standard: 0.63"-1.16"
Black
CWL1630P
CWL1630C
(15.9mm-29.4mm)
& White
Corrosion Resistant:
Yellow
CRL1630P
—
0.63"-1.16"
(15.9mm-29.4mm)
30
600V 3Ø
L17-30
Standard: 0.63"-1.16"
Black
CWL1730P
CWL1730C
(15.9mm-29.4mm)
& White
*UL (file no. E1381), CSA (file no. LR16215)
3 Pole, 4 Wire Grounding
NEMA FSL3-30, 30A 120V 3Ø
NEMA L14-30, 30A 125/250V
NEMA L15-30, 30A 250V 3Ø
NEMA L16-30, 30A 480V 3Ø
NEMA L17-30, 30A 600V 3Ø
G
X
Z
Y
L16-30P
G
X
Z
Y
L16-30R
G
X
Z
Y
L15-30P
G
X
Z
Y
L15-30R
L14-30P
G
X
Y
W
L14-30R
G
X
Y
W
FSL3P
G
Y
Z
FSL3R
G
Y
Z
X
G
Y
X
Z
L17-30P
L17-30R
G
Y
X
Z
NOTE: Weather Protective Boots from Cooper Wiring Devices that may be used
with these products are described on page E-72 in this section.
TESTING & CODE
COMPLIANCE
• Listed to UL 498
(file no. E3663),
except as noted.
• cUL Certified to
CSA C22.2 no. 42
(file no. E3663)
except as noted.
MATERIAL
CHARACTERISTICS
Nylon.
Temperature Rating:
Receptacles:
-40ºC to 75ºC,
except FSL330P
& FSL330C:
-20°C to 60°C.
CRL1430C
FSL330P
CWL1730P
2.75"
(69.85mm)
2.31"
(58.7mm)
2.19"
(55.6mm)
2.85"
(72.4mm)
1.83"
(46.5mm)
2.13"
(54.1mm)
R
C
1.22"
(31.0mm)
2.19"
(55.6mm)
3.75"
(95.3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com