Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGL620R Datasheet(PDF) 52 Page - Cooper Bussmann, Inc.

Part # IGL620R
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IGL620R Datasheet(HTML) 52 Page - Cooper Bussmann, Inc.

Back Button IGL620R Datasheet HTML 48Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 49Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 50Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 51Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 52Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 53Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 54Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 55Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 56Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
E-45
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial
Specification Grade
Insulated Hart-Lock®
Locking Devices
3 Pole, 4 Wire Grounding
20, 30A
NEMA L14-20/30, 125/250V
NEMA L15-20/30, 250V 3Ø
NEMA L16-20/30, 480V 3Ø
NEMA L17-30, 600V 3Ø
Insulated Industrial Specification Grade
Locking Plugs and Connectors
FEATURES
■
Thermoplastic elastomeric exteriors out-
perform rubber when exposed to moisture,
chemicals, oils, and the effects of ultraviolet
radiation and ozone attack.
■
Connector and plug exteriors can be reversed
to shroud plug blades.
■
High visibility safety yellow for identification.
■
Contacts, blades and terminal screws
nickel plated for corrosion resistance.
■
Stainless steel assembly and cord grip
screws for corrosion resistance.
3 Pole, 4 Wire Insulated Industrial Specification Grade Locking Plugs and Connectors
Rating
Cord
Catalog No.
AV/AC
NEMA
Wire Gauge
Diameter
Color
Plug
Connector
20
125/
L14-20
14-10 AWG
0.625"-1.156"
Yellow
L1420PY
L1420CY
250
(15.90mm-29.36mm)
20
250V
L15-20
14-10 AWG
0.625"-1.156"
Yellow
L1520PY
L1520CY
3Ø
(15.90mm-29.36mm)
20
480V
L16-20
14-10 AWG
0.625"-1.156"
Yellow
L1620PY
L1620CY
3Ø
(15.90mm-29.36mm)
30
125/
L14-30
12-8 AWG
0.625"-1.156"
Yellow
L1430PY
L1430CY
250
(15.90mm-29.36mm)
30
250V
L15-30
12-8 AWG
0.625"-1.156"
Yellow
L1530PY
L1530CY
3Ø
(15.90mm-29.36mm)
30
480V
L16-30
12-8 AWG
0.625"-1.156"
Yellow
L1630PY
L1630CY
3Ø
(15.90mm-29.36mm)
30
600V
L17-30
12-8 AWG
0.625"-1.156"
Yellow
L1730PY
L1730CY
3Ø
(15.90mm-29.36mm)
TESTING & CODE
COMPLIANCE
• Listed to UL 498
(file no. E3663).
• cUL Certified for
Canada to CSA
C22.2 no. 42
(file no. E36637).
MATERIAL
CHARACTERISTICS
Thermoplastic
elastomeric
(TPE) exterior,
Glass filled nylon
and glass filled
polypropylene interior.
Temperature Rating:
-40ºC to 75ºC.
L14-30P
G
X
Y
W
L14-30R
G
X
Y
W
G
Y
X
Z
L16-20P
G
Y
X
Z
L16-20R
L15-20P
Z
X
Y
G
G
Y
L15-20R
X
Z
L14-20P
W
X
Y
G
L14-20R
G
X
W
Y
G
X
Z
Y
L15-30P
G
X
Z
Y
L15-30R
G
X
Z
Y
L16-30P
G
X
Z
Y
L16-30R
G
Y
X
Z
L17-30P
L17-30R
G
Y
X
Z
R
C
3.86"
(98.0mm)
2.39"
(60.7mm)
L1420CY
2.86"
(72.6mm)
2.64"
(67.1mm)
L1630PY
3.94"
(100.1mm)
2.64"
(67.1mm)
L1630CY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com