Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGL620R Datasheet(PDF) 40 Page - Cooper Bussmann, Inc.

Part # IGL620R
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IGL620R Datasheet(HTML) 40 Page - Cooper Bussmann, Inc.

Back Button IGL620R Datasheet HTML 36Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 37Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 38Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 39Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 40Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 41Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 42Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 43Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 44Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 81 page
background image
15A 2 Pole 3 Wire Commercial
Specification Grade Locking Plugs and Connectors
FEATURES
■
Abuse resistant thermoplastic construction.
■
Back wire Dead-Front design.
■
Thermoplastic plugs have external cable
clamp which provides firm strain relief.
■
Nylon plugs have internal Autogrip® style
strain relief for fast wiring.
■
Back wire terminal clamps for easy
secure wiring.
■
Individual wiring compartments with
tapered channel for easy insertion of wires.
■
Clear cover over wiring compartments allow
easy inspection of wiring terminations.
■
Clearly marked rating, NEMA configuration
and standard compliances on face of plug
or connector.
■
Nylon Plugs and connectors have
slot/Phillips combination head screws.
Commercial Specification Grade Thermoplastic Locking Plugs and Connectors
Rating
Description/
Catalog No.
AV/AC NEMA
Cord Diameter
Color
Plug
Connector
15 125
L1-15
Commercial Grade:
Black
L115P
—
0.25"-0.69"
& White
(6.4mm-17.5mm)
15 125
L5-15
Straight: 0.25"-0.69"
Black
4720
4729
(6.4mm-17.5mm)
& White
Angle: 0.25"-0.69"
Black
4720AN
—
(6.4mm-17.5mm)
& White
15 250
L6-15
Straight: 0.25"-0.69"
Black
4570
4579
(6.4mm-17.5mm)
& White
Angle: 0.25"-0.69"
Black
4570AN
—
(6.4mm-17.5mm)
& White
15 277
L7-15
Straight: 0.25"-0.69"
Black
4770
4779
(6.4mm-17.5mm)
& White
Commercial
Specification Grade
Locking Devices
2 Pole, 2 Wire Non-Grounding
2 Pole, 3 Wire Grounding
NEMA L1-15, 15A 125V
NEMA L5-15, 15A 125V
NEMA L6-15, 15A 250V
NEMA L7-15, 15A 277V
Commercial Specification Grade Nylon Locking Plugs and Connectors
Rating
Description/
Catalog No.
AV/AC NEMA
Cord Diameter
Color
Plug
Connector
15 125
L5-15
Straight: 0.250"-0.656"
Yellow
3473-3
3493-3
(6.4mm-16.7mm)
15 250
L6-15
Straight: 0.250"-0.656"
Yellow
3474-3
3494-3
(6.4mm-17.5mm)
15 277
L7-15
Straight: 0.250"-0.656"
Yellow
3475-3
3495-3
(6.4mm-17.5mm)
NOTE: Weather Protective Boots from Cooper Wiring Devices that may be used
with these products are described on page E-72 in this section.
G
L7-15P
W
G
W
L7-15R
Y
X
G
L6-15P
Y
X
G
L6-15R
G
W
L5-15P
W
G
L5-15R
E-33
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
4579
L115P
4570
1.54"
(39.1mm)
2.52"
(64.0mm)
1.38"
(35.1mm)
1.54"
(39.1mm)
1.83"
(46.5mm)
1.38"
(35.1mm)
1.54"
(39.1mm)
1.37"
(34.8mm)
1.80"
(45.7mm)
1.54"
(39.1mm)
1.37"
(34.8mm)
1.80"
(45.7mm)
472O
TESTING & CODE
COMPLIANCE
• Listed to UL 498,
(file no. E15012)
except Nylon Plugs,
Connectors,
(file no. E3663).
• CSA Certified to
C22.2 no. 42
(file no. LR2081
(6221-02))
except Nylon Plugs,
Connectors
(file no, LR7087).
MATERIAL
CHARACTERISTICS
Thermoplastic Plugs
& Connectors:
Polycarbonate
and PVC.
Nylon Plugs,
Connectors: Nylon.
Environmental:
Flammability
per UL 94
requirements.
Thermoplastic Plugs
& Connectors
V2 rated.
Temperature Rating:
Thermoplastic Plugs,
Connectors:
-20°C to 60°C.
Nylon Plugs,
Connectors:
-40°C to 75°C.
W
L1-15P
W
L1-15R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com