Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGL620R Datasheet(PDF) 76 Page - Cooper Bussmann, Inc.

Part # IGL620R
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IGL620R Datasheet(HTML) 76 Page - Cooper Bussmann, Inc.

Back Button IGL620R Datasheet HTML 72Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 73Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 74Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 75Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 76Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 77Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 78Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 79Page - Cooper Bussmann, Inc. IGL620R Datasheet HTML 80Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
E-69
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial Specification
Grade Power-Lock®
Locking Devices
3 Pole, 4 Wire Grounding
60A, 600V/AC
4 Pole, 5 Wire Grounding
60A, 600V/AC
60 Amp Flanged Inlets and Outlets
FEATURES
■
Fiberglass reinforced interior provides
105ºC/221ºF temperature rating.
■
Rugged steel shell.
Flanged Inlets and Outlets
Rating
AV/AC
Configuration
Description
Cord Dia.
Color
Catalog No.
60
600
3 Pole, 4 Wire
Inlet
0.750"
Black
26415A
(19.1mm) -
1.250"
(31.8mm)
Outlet
0.750"
Black
26414A
(19.1mm) -
1.250"
(31.8mm)
60
600
4 Pole, 5 Wire
Inlet
0.750"
Black
26515A
(19.1mm) -
1.250"
(31.8mm)
Outlet
0.750"
Black
26514A
(19.1mm) -
1.250"
(31.8mm)
Outlet accepts
0.750"
Black
26514AAM#
ring terminals
(19.1mm) -
1.250"
(31.8mm)
#Not CSA certified.
TESTING & CODE
COMPLIANCE
• Listed to UL 498
(file no. E3663).
• CSA Certified to
C22.2 no. 42
(file no. LR7087)
except as noted.
MATERIAL
CHARACTERISTICS
Glass filled nylon.
Meets flammability
requirements
per UL94,
V0 rated.
Temperature Rating:
-40°C to 105°C.
26415A
2.25"
(57.2mm)
1.08"
(27.4mm)
3.75"
(95.3mm)
2.86"
(72.6mm)
3.34"
(84.8mm)
0.19"
(4.8mm)
26414A
2.58"
(65.5mm)
1.16"
(29.5mm)
3.75"
(95.3mm)
2.86"
(72.6mm)
3.34"
(84.8mm)
0.19"
(4.8mm)
GR
X
Y
Z
OUTLET
3 POLE, 4 WIRE
60A 600V/AC
GR
X
Y
Z
W
OUTLET
4 POLE, 5 WIRE
60A 600V/AC
GR
X
Y
Z
W
INLET
4 POLE, 5 WIRE
60A 600V/AC
GR
X
Y
Z
INLET
3 POLE, 4 WIRE
60A 600V/AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com