Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS03 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1PS03
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS03 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1PS03 Datasheet HTML 1Page - STMicroelectronics ST1PS03 Datasheet HTML 2Page - STMicroelectronics ST1PS03 Datasheet HTML 3Page - STMicroelectronics ST1PS03 Datasheet HTML 4Page - STMicroelectronics ST1PS03 Datasheet HTML 5Page - STMicroelectronics ST1PS03 Datasheet HTML 6Page - STMicroelectronics ST1PS03 Datasheet HTML 7Page - STMicroelectronics ST1PS03 Datasheet HTML 8Page - STMicroelectronics ST1PS03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
3
Functional pin description
GND
Device ground pin.
VIN
Supply voltage. This pin supplies power to the internal analog and digital circuitries when voltage is higher than
VUVLO. Bypass this pin to GND with a 10 μF ceramic capacitor. Input capacitor C1 must be chosen with low ESR
to reduce the input voltage ripple.
VIN_AUX
Supply voltage pin for auxiliary channel. This pin supplies internal switch “S3” and must be always ≤ VIN. It
is recommended to have VIN_AUX present before setting AUX pin to high, to avoid inrush current on VIN_AUX
supply voltage.
Bypass this pin to GND with a ceramic capacitor, see Table 1. Typical external components. Input capacitor C2
must be chosen with low ESR to reduce the input voltage ripple.
SW
Switching output pin. Inductor connection to internal PMOS and NMOS switches.
VOUT
Output voltage sense input pin. It provides the feedback voltage level to the regulation circuitry. 10 µF output
capacitor C3 must be connected close to the pin or through a short trace and should have low ESR to reduce the
output voltage ripple.
EN
Enable pin. A logic low level on this pin disables the device. High level enables the device. Do not leave this pin
floating.
D0, D1, D2
Output voltage selection pins. See Table 7. Output voltage settings for VOUT selection. Do not leave these pins
floating. These pins can be dynamically changed during operation.
PGOOD
Power Good open drain output pin. If used it requires a pull-up resistor to hold a high level signal. High
impedance indicates that VOUT is above proper good threshold.
AUX
Load switch selection pins.
When this pin and EN are both set to high, VOUT_AUX output is enabled. If EN low and AUX High VOUT_AUX is
disabled. Held to ground if auxiliary output (VOUT_AUX) is not used or if it should be disabled.
VOUT_AUX
Auxiliary output pin. 0.6 Ohm switch connect VIN_AUX to this PIN when enabled. 10 µF output capacitor C4
must be connected close to the pin or through a short trace. This output is controlled from a soft-start circuit and it
is not current limited. If unused can be left open.
ST1PS03
Functional pin description
DS13801 - Rev 1
page 4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com