Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS03 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1PS03
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS03 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1PS03 Datasheet HTML 3Page - STMicroelectronics ST1PS03 Datasheet HTML 4Page - STMicroelectronics ST1PS03 Datasheet HTML 5Page - STMicroelectronics ST1PS03 Datasheet HTML 6Page - STMicroelectronics ST1PS03 Datasheet HTML 7Page - STMicroelectronics ST1PS03 Datasheet HTML 8Page - STMicroelectronics ST1PS03 Datasheet HTML 9Page - STMicroelectronics ST1PS03 Datasheet HTML 10Page - STMicroelectronics ST1PS03 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ILIM
High-side MOSFET switch
current limit
3.6 V ≤ VIN ≤ 5.5 V
500
1150 mA
Power Good output (PGOOD)
VPG_TH
Power Good threshold voltage
Rising output voltage on VOUT pin, referred to VOUT
selected (D0, D1, D2)
95
97.5
-
%
VPG_TH_Hy
Hysteresis
-4
-3.5
-2.5
VOL
Low level output voltage
1.8 V ≤ VIN ≤ 5.5 V, EN = GND, current into PGOOD
pin, IPGOOD = 4 mA
-
-
0.23
V
Auxiliary output (VOUT_AUX)
RAUX
High-side Mosfet on-
resistance
IOUT_AUX = 100 mA, AUX = VIN
VIN_AUX = 2 V
0.6
0.8
Ω
ROUTDIS_AUX
Low-side Mosfet on-resistance
(discharger)
IOUT_AUX = -10 mA, AUX = GND
-
30
50
tr_aux
Vaux rise time
VIN = 3.6 V
VIN_AUX = 1.8V, AUX low to high transition, time to
ramp VOUT_AUX from 0 to 95% of VIN_AUX
-
400
850
µs
LKAUX
Leakage from VIN_AUX(1)
VIN = VIN_AUX = 3.3 V, AUX = GND
0.3
nA
1. Specified by design – not tested in production.
Table 7. Output voltage settings
Device
D2
D1
D0
VOUT
ST1PS03
0
0
0
1.8 V
0
0
1
3.3 V
0
1
0
2.8 V
0
1
1
2.7 V
1
0
0
3.0 V
1
0
1
2.1 V
1
1
0
1.6 V
1
1
1
2.5 V
ST1PS03
Electrical characteristics
DS13801 - Rev 1
page 7/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com