Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS03 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1PS03
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS03 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1PS03 Datasheet HTML 2Page - STMicroelectronics ST1PS03 Datasheet HTML 3Page - STMicroelectronics ST1PS03 Datasheet HTML 4Page - STMicroelectronics ST1PS03 Datasheet HTML 5Page - STMicroelectronics ST1PS03 Datasheet HTML 6Page - STMicroelectronics ST1PS03 Datasheet HTML 7Page - STMicroelectronics ST1PS03 Datasheet HTML 8Page - STMicroelectronics ST1PS03 Datasheet HTML 9Page - STMicroelectronics ST1PS03 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5
Electrical characteristics
C1 = 10 µF, C2 = 10 µF, C3 = 10 µF, C4 = 10 µF, L1 = 2.2 µH, VIN = 3.6 V, VEN = VIN, VOUT = 1.8 V, TA = 25 °C
unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
General section
IQ
Quiescent current
EN = VIN, AUX = GND,
device does not switch (VOUT pin voltage > VOUT
setting value)
-
500
850
nA
ISD
Shutdown current
EN = GND, shutdown current into VIN
-
10
200
nA
VUVLO
Undervoltage lockout
threshold
VIN rising
-
1.63 1.72
V
VIN falling
1.51 1.57
-
V
Hysteresis
-
65
-
mV
Vth100%+
100% mode leave threshold
VIN rising, 100% mode is disabled with VIN =
VOUTnom + Vth100%+
-
300
-
mV
Vth100%-
100% mode enter threshold
VIN falling, 100% mode is entered with VIN =
VOUTnom + Vth100%-
-
200
-
Output voltage
VOUT
Output voltage range
Output voltages are selected with pins D0, D1, D2
1.6
-
3.3
V
Output voltage accuracy
VIN = 3.6 V, whole VOUT range, IOUT = 100 mA(1)
-1.5
-
1.5
%
tONmin
Minimum on-time
VIN = 3.6 V, VOUT = 2.1 V, IOUT = 0 A
-
225
-
ns
tOFFmin
Minimum off-time
VIN = 2.3V
-
50
-
ns
tstartupd
Start-up delay time
VEN from low to high, VIN = 3.6 V, VOUT = 1.8 V
-
1.7
-
ms
ROUTDIS
Output discharge MOSFET
on-resistance
VEN = GND
(For AQTR version only),
IOUT = -10 mA
-
30
-
Ω
Logic inputs (EN, AUX)
VIL_L1
Low level input voltage
threshold
VIN = 1.8 to 5.5 V
-
-
0.3
V
VIH_L1
High level input voltage
threshold
1.1
-
-
Logic inputs (D0, D1, D2)
VIL_L2
Low level input voltage
threshold
VIN = 3.6 V
0.3
V
VIH_L2
High level input voltage
threshold
1.1
Power switch
RDS(on)
High-side MOSFET on-
resistance
VIN = 3.6 V, Isw = 100 mA
-
0.45 0.60
Ω
Low-side MOSFET on-
resistance
-
0.23 0.35
ST1PS03
Electrical characteristics
DS13801 - Rev 1
page 6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com