Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1PS03 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST1PS03
Description  400 mA nano-quiescent synchronous step-down converter with digital voltage selection, Power Good and load switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1PS03 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST1PS03 Datasheet HTML 17Page - STMicroelectronics ST1PS03 Datasheet HTML 18Page - STMicroelectronics ST1PS03 Datasheet HTML 19Page - STMicroelectronics ST1PS03 Datasheet HTML 20Page - STMicroelectronics ST1PS03 Datasheet HTML 21Page - STMicroelectronics ST1PS03 Datasheet HTML 22Page - STMicroelectronics ST1PS03 Datasheet HTML 23Page - STMicroelectronics ST1PS03 Datasheet HTML 24Page - STMicroelectronics ST1PS03 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
List of figures
Figure 1.
ST1PS03 application schematic ........................................................ 2
Figure 2.
TQFN12 package (top through view) ..................................................... 3
Figure 3.
Block diagram .................................................................... 8
Figure 4.
Efficiency vs. load, VOUT = 1.8 V....................................................... 11
Figure 5.
Efficiency vs. VIN, VOUT = 1.8 V ....................................................... 11
Figure 6.
Efficiency vs. load, VOUT = 2.5 V....................................................... 11
Figure 7.
Efficiency vs. VIN, VOUT = 2.5 V ....................................................... 11
Figure 8.
100% mode, VOUT = 1.8 V, IOUT 100 mA, Rload = 18 Ohm, VEN = VIN, AUX = GND .................. 12
Figure 9.
100% mode, VOUT = 3.3 V, IOUT 100 mA, Rload = 33 Ohm, VEN = VIN, AUX = GND .................. 12
Figure 10.
Vin = 3. 6 V, Vout = 1.8 to 3.3 V, Rload 33 Ohm, AUX = GND, VIN_AUX = floating ..................... 12
Figure 11.
Output ripple, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 10 µA ....................................... 12
Figure 12.
Output ripple, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 1 mA........................................ 12
Figure 13.
Output ripple, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 50 mA ....................................... 12
Figure 14.
Output ripple, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 150 mA ...................................... 13
Figure 15.
Output ripple, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 250 mA ...................................... 13
Figure 16.
Startup, VIN = 3.6 V, VOUT = 1.8 V, no load ................................................ 13
Figure 17.
Disable, VIN = 3.6 V, VOUT = 1.8 V, no load................................................ 13
Figure 18.
Startup, VIN = 3.6 V, VOUT = 1.8 V, RLOAD = 18 Ohm ......................................... 13
Figure 19.
Disable, VIN = 3.6 V, VOUT = 1.8 V, RLOAD = 18 Ohm......................................... 13
Figure 20.
Load transient, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 50 µA to 10 mA ............................... 14
Figure 21.
Load transient, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 0 to 100 mA .................................. 14
Figure 22.
Load transient, VIN = 3.6 V, VOUT = 1.8 V, IOUT = 10 to 100 mA ................................. 14
Figure 23.
Startup, VIN = 3.6 V, VIN_AUX = 1.8 V, VOUT = 1.8 V, VOUT_AUX = 1.8 V, no load ................... 14
Figure 24.
Disable, VIN = 3.6 V, VIN_AUX = 1.8 V, VOUT = 1.8 V, VOUT_AUX = 1.8 V, no load ................... 15
Figure 25.
Startup, VIN = 3.6, VIN_AUX = 1.8 V, VOUT = 1.8 V, VOUT_AUX = 1.8 V, Rload = 18 Ohm, IOUT = 100 mA ... 15
Figure 26.
Disable, VIN = 3.6 V, VIN_AUX = 1.8 V, VOUT = 1.8 V, VOUT_AUX = 1.8 V, Rload = 18 Ohm, IOUT = 100 mA . 15
Figure 27.
Startup, VIN = 3.6 V, VIN_AUX = 3.3 V, VOUT = 3.3 V, VOUT_AUX = 3.3 V, no load ................... 15
Figure 28.
Disable, VIN = 3.6 V, VIN_AUX = 1.8 V, VOUT = 3.3 V, VOUT_AUX = 3.3 V, no load ................... 15
Figure 29.
TQFN12 (2.0x1.7x0.55 mm) package outline .............................................. 16
Figure 30.
TQFN12 (2.0x1.7x0.55 mm) recommended footprint ......................................... 17
Figure 31.
TQFN12 (2.0x1.70x0.55 mm) carrier tape outline ........................................... 18
Figure 32.
TQFN12 (2.0x1.70x0.55 mm) tape orientation ............................................. 18
Figure 33.
TQFN12 (2.0x1.70x0.55 mm) reel outline................................................. 19
ST1PS03
List of figures
DS13801 - Rev 1
page 24/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com