Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DASYLAB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DASYLAB
Description  24-Bit Multifunction Temperature & Voltage Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DASYLAB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DASYLAB Datasheet HTML 1Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 2Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 3Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 4Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 5Page - List of Unclassifed Manufacturers DASYLAB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2408 Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
24-Bit Multifunction Temperature & Voltage Devices
Analog Input
Each device includes 16 SE/8 DIFF analog
inputs which you can configure for volt-
age or TC input on a per-channel basis.
Eight software-selectable voltage input
ranges are provided. You can configure
these ranges on a per-channel basis from
±10 V to ±0.078 V.
When measuring TCs, configure analog
inputs in DIFF mode. All devices also
include open TC detection to identify
improperly working thermocouples.
Sample Rate
USB-2408Seriesdevicescansampleanalog
input channels at up to a 1 kS/s. Refer to
the hardware user’s guide for informa-
tion about how noise filtering affects the
throughput rate for analog inputs.
Analog Output
(USB-2408-2AO only)
The USB-2408-2AO includes two 16-bit
analog outputs. Each output has a ±10 V
range. Both outputs can be updated at
a rate of up to 500 S/s per channel; one
output can be updated at a rate of 1 kS/s.
Digital I/O
Eight digital I/O channels are included
with each USB-2408 Series device, and
you can read from or write to each indi-
vidual bit.
Counter Input
Two 32-bit event counters are provided
to count TTL pulses at read/write rates of
up to 500 Hz. The counters accept inputs
of up to 1 MHz.
Calibration
The USB-2408 Series is factory-calibrated
using a NIST-traceable calibration process.
Specifications are guaranteed for one year.
The USB-2408 Series also supports field
calibration for users to calibrate the device
locally with the InstaCal utility.
USB-2408 Series devices offer high-resolution voltage or thermocouple measurements along
with digital I/O and counter inputs. The USB-2408-2AO (shown here) includes analog output
functionality.
USB-2408 Series Selection Chart
Model
Analog
Inputs
Throughput
Rate
Analog
Outputs
Digital
I/O
Counters
USB-2408
16 SE/8 DIFF
Up to 1 kS/s
—
8
2
USB-2408-2AO
16 SE/8 DIFF
Up to 1 kS/s
2
8
2
Features
• Measure thermocouples (TCs)
or voltage
• Up to 16 analog inputs
• 24-bit resolution
• Up to 1 kS/s sampling
• 8 digital I/O
• Two counters
• Up to 2 analog outputs
• 500 VDC isolation between
field wiring and the USB
interface
Supported Operating Systems
• Windows®
11/10/8/7/Vista®
XP, 32/64-bit
• Linux®
Overview
The USB-2408 Series are multifunction DAQ devices designed for highly-accurate
voltage or temperature measurements. Each device features provides up to 16
single-ended (SE)/8 differential (DIFF) analog inputs, 8 digital I/O, and two counter
inputs. The USB-2408-2AO also features two analog outputs.
Each device in the series offers 24-bit resolution for ultra-accurate voltage or ther-
mocouple measurements.


Similar Part No. - DASYLAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DASYLAB ETC-DASYLAB Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
DASYLAB ETC-DASYLAB Datasheet
862Kb / 5P
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
DASYLAB ETC-DASYLAB Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
DASYLAB ETC-DASYLAB Datasheet
749Kb / 7P
High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
DASYLAB ETC-DASYLAB Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
More results

Similar Description - DASYLAB

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
24-24.5GHz Tx Multifunction
logo
Keysight Technologies
U2331A KEYSIGHT-U2331A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2356A KEYSIGHT-U2356A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
U2901A KEYSIGHT-U2901A Datasheet
2Mb / 25P
USB Modular Multifunction Data Acquisition Devices
logo
Omega Engineering, Inc.
OMB-DAQ-2408 OMEGA-OMB-DAQ-2408 Datasheet
607Kb / 5P
24-Bit Multifunction USB Data Acquisition Modules for Temperature and Voltage Measurement
2016
logo
List of Unclassifed Man...
USB-1208FS-PLUS ETC-USB-1208FS-PLUS Datasheet
1Mb / 7P
12-bit and 14-Bit Multifunction DAQ Devices
May 2018. Rev 3
USB-1608G ETC-USB-1608G Datasheet
1Mb / 6P
16-Bit High-Speed Multifunction DAQ Devices
April 2018. Rev 9
USB-2404 ETC-USB-2404 Datasheet
628Kb / 8P
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
April 2019. Rev 2
USB-2416 ETC-USB-2416 Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
logo
G.M. International
D6072 GMI-D6072 Datasheet
215Kb / 2P
SIL2 Multifunction Temperature Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com